Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADL9006
Data Sheet
Rev. 0 | Page 6 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
GND
VGG2
GND
GND 5
6
RFIN
NIC
7
NIC
8
GND
GND
18 NIC
19 NIC
20
RFOUT
21
GND
22 GND
23 NIC
24 GND
ADL9006
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION. SOLDER THE
NIC PINS TO A LOW IMPEDANCE GROUND PLANE.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 8, 9, 16, 17,
20, 22, 24, 25,
32
GND
Ground. Solder the GND pins to a low impedance ground plane.
2
VGG2
Gain Control. VGG2 is dc-coupled and accomplishes gain control by reducing the internal voltage and
becoming more negative. Attach bypass capacitors to VGG2, as shown in Figure 38. Under normal
operating conditions, VGG2 is left open.
4
RFIN
RF Input. RFIN is ac-coupled and matched to 50 Ω.
6, 7, 10 to 15, 18,
19, 23, 26 to 30
NIC
No Internal Connection. Solder the NIC pins to a low impedance ground plane.
21
RFOUT
RF Output. RFOUT is ac-coupled and matched to 50 Ω.
31
VDD
Power Supply Voltage for the Amplifier.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
RFIN
Figure 3. RFIN Interface Schematic
VGG2
Figure 4. VGG2 Interface Schematic
VDD
Figure 5. VDD Interface Schematic
RFOUT
Figure 6. RFOUT Interface Schematic
GND
Figure 7. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com