Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADL9006
Rev. 0 | Page 9 of 14
30
0
6
22
14
8
2
4
24
16
10
26
18
12
28
20
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
5V, +85°C
5V, +25°C
5V, –40°C
Figure 20. PSAT vs. Frequency at Various Temperatures
25
–10
5
20
0
15
–5
10
140
0
60
120
40
100
20
80
–20
10
0
–10
5
–5
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 21. POUT, Gain, PAE, and IDD vs. Input Power, 2 GHz,
VDD = 5 V
25
–10
5
20
0
15
–5
10
140
0
60
120
40
100
20
80
–20
10
0
–10
5
–5
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 22. POUT, Gain, PAE, and IDD vs. Input Power, 10 GHz, VDD = 5 V
24
–4
8
20
4
16
0
12
0
30
20
10
25
15
5
FREQUENCY (dBm)
+6dBm
+4dBm
+2dBm
0dBm
–2dBm
–4dBm
–6dBm
–8dBm
–10dBm
–12dBm
–14dBm
–16dBm
Figure 23. POUT vs. Frequency at Various Input Power Levels
20
–10
5
0
15
–5
10
150
0
75
50
125
25
100
–20
10
0
–10
5
–5
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 24. POUT, Gain, PAE, and IDD vs. Input Power, 20 GHz, VDD = 5 V
20
–10
5
0
15
–5
10
120
0
60
40
100
20
80
–20
5
0
–10
–5
–15
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 25. POUT, Gain, PAE, and IDD vs. Input Power, 26 GHz, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com