Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADL9006
Data Sheet
Rev. 0 | Page 12 of 14
THEORY OF OPERATION
The ADL9006 is a GaAs, pHEMT, MMIC low noise amplifier.
The basic architecture of the ADL9006 is that of a single-supply,
biased, cascode distributed amplifier with an integrated RF choke
for the drain. A simplified schematic of this architecture is
shown in Figure 37.
RFIN
VGG2
VDD
RFOUT
TRANSMISSION LINE
TRANSMISSION LINE
Figure 37. Architecture and Simplified Schematic
Though the gate bias voltages of the upper field effect transistors
(FETs) are set internally by a resistive voltage divider tapped off
of VDD, the VGG2 pin is provided to allow the user an optional
means of changing the gate bias of the upper FETs. Adjustment
of the VGG2 pin voltage across the range of −2.0 V to +2.6 V
changes the gate bias of the upper FETs, thus affecting gain
changes, depending on the frequency (see Figure 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com