Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADL9006
Data Sheet
Rev. 0 | Page 8 of 14
20
10
13
19
16
12
18
15
11
17
14
2
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
4V
5V
6V
7V
Figure 14. Gain vs. Frequency at Various Supply Voltages
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
4V
5V
6V
7V
Figure 15. Input Return Loss vs. Frequency at Various Supply Voltages
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
4V
5V
6V
7V
Figure 16. Output Return Loss vs. Frequency at Various Supply Voltages
20
–30
–25
5
–10
–20
10
–5
–15
15
0
2
30
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+2.6V
+2.4V
+2.0V
+1.6V
+1.2V
+0.8V
+0.4V
0V
–0.4V
–0.8V
–1.2V
–1.6V
–2.0V
Figure 17. Gain vs. Frequency at Various VGG2 Voltages
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+2.6V
+2.4V
+2.0V
+1.6V
+1.2V
+0.8V
+0.4V
0V
–0.4V
–0.8V
–1.2V
Figure 18. Input Return Loss vs. Frequency at Various VGG2 Voltages
0
–20
–15
–5
–10
2
28
26
18
14
10
6
22
24
20
16
12
8
4
FREQUENCY (GHz)
+2.6V
+2.4V
+2.0V
+1.6V
+1.2V
+0.8V
+0.4V
0V
–0.4V
–0.8V
–1.2V
Figure 19. Output Return Loss vs. Frequency at Various VGG2 Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com