Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9006ACGZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL9006ACGZN-R7
Description  2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL9006ACGZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL9006ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADL9006ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2 GHz to 28 GHz, GaAs,
pHEMT, MMIC Low Noise Amplifier
Data Sheet
ADL9006
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
P1dB: 20 dBm typical at 2 GHz to 6 GHz
PSAT: 20.5 dBm typical at 2 GHz to 6 GHz
Gain: 15.5 dB typical at 6 GHz to 28 GHz
Noise figure: 2.5 dB typical at 2 GHz to 20 GHz
OIP3: 26 dBm typical at 2 GHz to 6 GHz
Supply voltage: 5 V at 53 mA
50 Ω matched input and output
APPLICATIONS
Test instrumentation
Military and space
Local oscillator driver amp
FUNCTIONAL BLOCK DIAGRAM
17
1
3
4
2
GND
VGG2
GND
GND 5
6
RFIN
NIC
7
NIC
8
GND
GND
18 NIC
19 NIC
20
RFOUT
21
GND
22 GND
23 NIC
24 GND
ADL9006
PACKAGE
BASE
Figure 1.
GENERAL DESCRIPTION
The ADL9006 is a gallium arsenide (GaAs), pseudomorphic
high electron mobility transistor (pHEMT), monolithic microwave
integrated circuit (MMIC), low noise amplifier that operates
between 2 GHz and 28 GHz. The amplifier provides 15.5 dB of
gain, 2.5 dB noise figure, 26 dBm output third-order intercept
(OIP3), and 20 dBm of output power for 1 dB compression
(P1dB) while requiring 53 mA from a 5 V supply. The ADL9006
is self biased with only a single positive supply needed to
achieve a supply current (IDD) of 53 mA.
The ADL9006 amplifier input and output are internally
matched to 50 Ω.


Similar Part No. - ADL9006ACGZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9006C-KIT AD-ADL9006C-KIT Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
More results

Similar Description - ADL9006ACGZN-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC566LP4E HITTITE-HMC566LP4E Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC566LP4 HITTITE-HMC566LP4_09 Datasheet
263Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC566LP4E HITTITE-HMC566LP4E_10 Datasheet
961Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 28 - 36 GHz
HMC594 HITTITE-HMC594_09 Datasheet
244Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609_10 Datasheet
248Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com