Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMM6035 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical Characteristics
MMM6035 Advance Information, Rev. 2.4
Freescale Semiconductor
3
3
Electrical Characteristics
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain Supply Voltages
VDD
5.5
V
Power Control IC Supply Voltage
VBAT
5.5
V
External Regulated DC Supply Voltage
VREG
5.5
V
RF Input Power
Pin
11
dBm
Operating Temperature Range
TA
-20 to 85
°C
Storage Temperature
Tstg
-55 to 150
°C
Junction Temperature
TJ
150
°C
Moisture Sensitivity Level
(Meets lead-free reflow profiles with peak temperature of 260 °C)
MSL
3
Thermal Resistance (junction to mounting base)
Rth
20
°C/W
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Recommended Operating
Conditions and Electrical Characteristics tables.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
External Regulated DC Supply Voltage
VREG
2.6
2.8
3.0
V
Power Control IC Supply Voltage
VBAT
3.1
-
4.5
V
RF Input Power
Pin
3.0
-
9.0
dBm
Mode Control Low Voltage (TX_EN, LB_HB)
0
-
0.4
V
Mode Control High Voltage (TX_EN, LB_HB)
1.4
-
VREG
V
Power Control Ramp Voltage
VRAMP
0.1
-
2.2
V
Table 3. DC Characteristics
(VREG = 2.6 to 3 V, TA = -20 to 85° C)
Characteristic
Symbol
Min
Typ
Max
Unit
External Regulate DC Supply Current
TX_EN, LB_HB high
Ireg
-5
10
mA
Standby Leakage Current
Include current on all pins
TX_EN, LB_HB low
VRAMP = 0 V, Vreg = 2.8 V, VBAT = 4.5 V, TA = 85° C
ILKG
-
-
50
µA
Mode Control Input
Input Low
Input High
Imci(L)
Imci(H)
-0.5
-
-
-
-
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com