Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RF Specifications
MMM6035 Advance Information, Rev. 2.4
8
Freescale Semiconductor
Pout variation versus Temp
Vramp adj for Pout(H)-10 dB
< Pout < Pout(H)
Vramp adj for Pout(H)-20 dB
< Pout < Pout(H)-10 dB
Vramp adj for Pout(H)-30 dB
< Pout < Pout(H)-20 dB
VBAT = 3.6 V
TA = 25° C
∆Po(H)_T
∆Po(M)_T
∆Po(L)_T
-1.5
-2.0
-4.0
-
-
-
1.5
2.0
4.0
dB
dB
dB
Pout variation versus Freq
Vramp set for Power(H) at 836.5 MHz
Vramp set for Power(H) at 897.5 MHz
Vramp set for Power(H)
at 1747.5 MHz
Vramp set for Power(H) at 1880 MHz
VBAT = 3.6 V
TA = 25° C
∆Po_CELL_f
∆Po_EGSM_f
∆Po_DCS_f
∆Po_PCS_f
-0.5
-0.5
-0.5
-0.5
-
-
-
-
0.5
0.5
0.5
0.5
dB
dB
dB
dB
1 See Figure 4.
Table 8. Power Control Specifications (continued)
(VREG = 2.8 V, Vrng = 3.0 to 4.5 V, -20 to 85° C)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com