Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Input/Output ESD Specifications
MMM6035 Advance Information, Rev. 2.4
Freescale Semiconductor
9
5
Input/Output ESD Specifications
The MMM6035 meets Class 1B and Class 1C for the Human Body Model (HBM) Electrostatic Discharge
(ESD) classification and it meets Class M2 for the Machine Model (MM) ESD classification. Table 9 and
Table 10 show the ESD immunity level for each MMM6035 pin. The numbers shown in Table 9 and
Table 10 specify the ESD threshold level for each pin where the I-V curve between the pin and ground
begins to show degradation.
Table 9. ESD Human Body Model: EOS/ESD-S5.1 (Pin to Ground Stress)
Pin Number-Name
450 Volts
500 Volts
750 Volts
1000 Volts
1250 Volts
2000 Volts
1 - GND
NANANANANANA
2 - VDD2_HB
X
3 - VDD1_HB
X
4 - Vapc
X
5 - TXIn_HB
X
6 - TXIn_LB
X
7 - VDD1_LB
X
8 - VDD2_LB
X
9 - GND
NANANANANANA
10 - GND
NANANANANANA
11 - TXOut_LB
X
12 - Vreg_PA
X
13 - VD_OUT
X
14 - Vramp
X
15 - TXEn
X
16 - LB_HB
X
17 - Vreg
X
18 - Vbat
X
19 - VD3_HB_DEC
X
20 - TXOut_HB
X
21 - GND
NANANANANANA
22 - GND
NANANANANANA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com