Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 22Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Signal Description
MMM6035 Advance Information, Rev. 2.4
20
Freescale Semiconductor
9
Signal Description
Table 14. Pin Connections
Number
Name
Description
Type
Impedance
1
GND
Ground
Ground
Ground
2
VDD2_HB
Drain Supply for Driver Stage, High-Band
Supply
3
VDD1_HB
Drain Supply for Pre-Driver Stage,
High-Band
Supply
4
VAPC
Bias Control Voltage
5
TX_IN_HB
TX Input High-Band
RF Input
50
Ω – DC Blocked
6
TX_IN_LB
TX Input Low-Band
RF Input
50
Ω – DC Blocked
7
VDD1_LB
Drain Supply for Pre-Driver Stage,
Low-Band
Supply
8
VDD2_LB
Drain Supply for Driver Stage, Low-Band
Supply
9
GND
Ground
Ground
Ground
10
GND
Ground
Ground
Ground
11
TXOUT_LB
TX Output Low-Band
50
Ω – NOT DC Blocked
12
VREG_PA
Regulated DC supply output active only
when TX_EN is high. Used for external
biasing of the power amplifier section.
Supply
13
VD_OUT
Power Control IC Output
Supply
14
VRAMP
DAC power control ramp
Control
15
TX_EN
Enable Power Control when set High
Control
16
LB_HB
Low-Band/High-Band Select. Logic High for
High-Band, Logic Low for Low-Band.
Control
17
VREG
External Regulated Voltage
Supply
18
VBAT
Drain supply for power control chip
Supply
19
VDD3_HB_DEC High-Band Final Stage RF Decoupling
RF
20
TXOUT_HB
TX Output High-Band
RF Output
50
Ω – NOT DC Blocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com