Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMM6035 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Freescale Semiconductor
Advance Information
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: MMM6035/D
Rev. 2.4, 10/2005
MMM6035
Package Information
Plastic Package
Case 1561
(6 x 6 mm Module)
Ordering Information
Device
Device Marking or
Operating
Temperature Range
Package
MMM6035
MMM6035
Module
1
Introduction
The MMM6035 is a 50
Ω Power Amplifier module for
quad-, tri-, and dual-band GSM handset applications,
functioning over the GSM850, EGSM, DCS, and PCS
frequency bands. This module is compatible with
GSM/GPRS operating modes (up to 50% duty cycle). To
simplify radio front-end design requirements, the power
control function is integrated, removing the need for
directional couplers and detector diodes. GSM burst
shaping and power control is integrated on an internal
control SmartMOS™ IC. The analog power control
signal is smoothed by a low-pass filter included in the
internal control SmartMOS chip, allowing over 45 dB
dynamic range to be achieved.
The MMM6035 also prevents degradation of switching
transients, regardless of battery conditions, due to an
internal anti-saturation detection feature. Transmit
Enable and Band Select functions are controlled through
0 to 2.8 V logic inputs. These functions are also
compatible with 0 to 1.8 V logic inputs.
MMM6035
Quad-Band GSM/GPRS PA
Module with Integrated Power
Control
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Functional Block Diagram . . . . . . . . . . . . . . . 2
3 Electrical Characteristics . . . . . . . . . . . . . . . 3
4 RF Specifications . . . . . . . . . . . . . . . . . . . . . . 4
5 Input/Output ESD Specifications . . . . . . . . . 9
6 Application Information . . . . . . . . . . . . . . . . 11
7 Design Information . . . . . . . . . . . . . . . . . . . . 14
8 Package Information . . . . . . . . . . . . . . . . . . 18
9 Signal Description . . . . . . . . . . . . . . . . . . . . 20
10Product Documentation . . . . . . . . . . . . . . . 21


Similar Part No. - MMM6035

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMM6025 FREESCALE-MMM6025 Datasheet
516Kb / 16P
Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
MMM6025R2 FREESCALE-MMM6025R2 Datasheet
516Kb / 16P
Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
More results

Similar Description - MMM6035

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM6025 FREESCALE-MMM6025 Datasheet
516Kb / 16P
Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
logo
ANADIGICS, Inc
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
02/2009
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
11/2008
logo
Skyworks Solutions Inc.
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
logo
Quectel Wireless Soluti...
M65 QUECTEL-M65 Datasheet
857Kb / 2P
Ultra-small Quad-band GSM/GPRS Module
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com