Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Design Information
MMM6035 Advance Information, Rev. 2.4
14
Freescale Semiconductor
7
Design Information
7.1
Power Control
Open loop power control of the power amplifier is enabled when TX_EN is set high. The PA drain voltage
will then be proportional to the VRAMP input voltage over the range 200 mV to 2.2 V of VRAMP as
shown in Figure 4.
Figure 4. VD_OUT vs. VRAMP Characteristics
5
Remove RF drive
6
Remove VBAT
Table 12. Power Up/Down Sequences (continued)
SEQ
DESCRIPTION
Vramp
0
Voffset
VD_OUT
Vslope
VBAT
Vsat
Vctrl
Voffset
Vctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com