Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RF Specifications
MMM6035 Advance Information, Rev. 2.4
Freescale Semiconductor
7
Load mismatch ruggedness
All angles
Set Vramp where Po(H)
≤ 34.2 dBm into 50 Ω load
No damage, no degradation
VSWR
20:1
-
-
Power Control Range over VRNG, TRNG
RPC
35
-
-
dB
Table 8. Power Control Specifications
(VREG = 2.8 V, Vrng = 3.0 to 4.5 V, -20 to 85° C)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Wake-up Time
VBAT = 3.6 V
TA = 25° C, Time to
reach stable VD_OUT
after 0.3 V VRAMP step
twu
-12-
µs
Vramp Input Voltage Offset
Voltage at which
VD_OUT rises above
0 V
Voffset
1
0.18
0.2
-
V
VD_OUT vs. VRAMP Slope
VBAT = 3.6 V
TA = 25° C, VRAMP >
VOffset
Vslope
1
-2.0
-
V/V
Po versus VRAMP Slope
VBAT = 3.6 V
TA = 25° C, Po>5 dBm
for TX CEL and EGSM,
Po>0 dBm for TX DCS
and PCS
Po_slope1
-
-
240
dB/V
VRAMP Controller Enable Threshold
VBAT = 3.6 V
TA = 25° C, Rising
VRAMP
Vctrl(R)
-160
-
mV
VRAMP Controller Disable Threshold
VBAT = 3.6 V
TA = 25° C, Falling
VRAMP
Vctrl(F)
-140
-
mV
Smoothing Filter Bandwidth (3 dB cutoff
frequency)
VBAT = 3.6 V
TA = 25° C
BW
vramp
-200
-
kHz
Smoothing Filter Attenuation (Atten at 1
MHz)
VBAT = 3.6 V
αvramp
-
30
-
dB
Smoothing Filter Rise Time (Vdout rise
time between 10% and 90% with VRAMP
step of Voffset 50 mV)
VBAT = 3.6 V
TA = 25° C
tr
-2.5
-
µs
Table 7. Mode GMSK PCS Band Specifications (continued)
(TXIN_HB = 3 dBm, VBAT = 3.6 V, VRAMP = 0.1 to 2.2 V pulsed, Period = 4.6 ms, Duty Cycle = 25%, LB_HB = 2.8 V,
VREG = 2.8 V, TX_EN = 2.8 V, TA = 25° C ±5° C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com