Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Design Information
MMM6035 Advance Information, Rev. 2.4
Freescale Semiconductor
17
Figure 7. Vrf vs. Vramp characteristic
The calibration points Vrf(1) and Vrf(2) are each measured by forcing Vramp levels of Vramp(1) and
Vramp(2) respectively. The estimated Vramp level for the required RF output voltage Vrf(E) is then
calculated from the following:
Eqn. 1
In a similar way Vpedestal can be calculated:
Eqn. 2
Table 13. Recommended Calibration Values
Description
Symbol
Value
Unit
Vramp at calibration point (1)
Vramp(1)
0.3
V
Vramp at calibration point (2)
Vramp(2)
1.5
V
Output power with Vramp=Vpedestal (Low band)
Po(P)_LB
1
dBm
Output power with Vramp=Vpedestal (High band)
Po(P)_HB
-3.5
dBm
Active Vramp rise time
Tr_ramp
14
µs
Active Vramp fall time
Tf_ramp
14
µs
Pedestal Width
-
12
µs
Vramp (V)
0
Vrf Vrms
Vpedestal Vramp(1)
Vramp(2)
Vrf(P)
Vrf(1)
Vrf(2)
Estimated point
Calibration point(1)
Calibration point(2)
Vramp(E)
Vrf(E)
0
Calibration point(1)
Calibration point(2)
Vramp E
()
Vramp 2
()xVrf E
() Vrf 1
()
–
[] Vramp 1
()xVrf 2
() Vrf E
()
–
[]
+
Vrf 2
() Vrf 1
()
–
----------------------------------------------------------------------------------------------------------------------------------------------------------------
=
Vpedestal
Vramp 2
()xVrf P
() Vrf 1
()
–
[] Vramp 1
()xVrf 2
() Vrf P
()
–
[]
+
Vrf 2
() Vrf 1
()
–
--------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com