Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
RF Specifications
MMM6035 Advance Information, Rev. 2.4
6
Freescale Semiconductor
Harmonics level over VRNG, TRNG
2F0
3F0
-
-
-
-
-10
-10
dBm
Tx Noise in Rx DCS Band @ PO = PO(H)
RBW = 100 kHz
NRx1 FRX =
1805-1880
MHz
--
-75
dBm
Input VSWR
Γ
IN
-16-
dB
Load mismatch stability
All angles
Set Vramp where Po(H)
≤ 31.5 dBm into 50 Ω load
All spurious < -30 dBm, RBW = 3 MHz
VSWR
6:1
-
-
Load mismatch ruggedness
All angles
Set Vramp where Po(H)
≤ 34.2 dBm into 50 Ω load
No damage, no degradation
VSWR
20:1
-
-
Power Control Range over VRNG, TRNG
RPC
35
-
-
dB
Table 7. Mode GMSK PCS Band Specifications
(TXIN_HB = 3 dBm, VBAT = 3.6 V, VRAMP = 0.1 to 2.2 V pulsed, Period = 4.6 ms, Duty Cycle = 25%, LB_HB = 2.8 V,
VREG = 2.8 V, TX_EN = 2.8 V, TA = 25° C ±5° C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Frequency
F0
1850
-
1910
MHz
Output Power at High VRAMP
PO(H)
31.5
32.8
-
dBm
Output Power over VRNG, TRNG at High VRAMP
PO(Hx)
29.5
-
-
dBm
Power Added Efficiency @ PO(H)
PAE
40
46
-
%
Current Consumption at Low Output Power (PO set to 1.5 dBm)
IDD(L)
-
-
150
mA
Forward Isolation (VRAMP = 0 V, TX_EN = 0 V) over VRNG,
TRNG
Iso1
-
-
-28
dBm
Harmonics level over VRNG, TRNG
2F0
3F0
-
-
-
-
-10
-10
dBm
Tx Noise in Rx PCS Band @ PO = PO(H)
RBW = 100 kHz
NRx1 FRX =
1930 -1990
MHz
--
-75
dBm
Input VSWR
Γ
IN
-15-
dB
Load mismatch stability
All angles
Set Vramp where Po(H)
≤ 31.5 dBm into 50 Ω load
All spurious < -30 dBm, RBW = 3 MHz
VSWR
6:1
-
-
Table 6. Mode GMSK DCS Band Specifications (continued)
(TXIN_HB = 3 dBm, VBAT = 3.6 V, VRAMP = 0.1 to 2.2 V pulsed, Period = 4.6 ms, Duty Cycle = 25%, LB_HB = 2.8 V,
VREG = 2.8 V, TX_EN = 2.8 V, TA = 25° C ±5° C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com