Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM6035 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMM6035
Description  Quad-Band GSM/GPRS PA Module with Integrated Power Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6035 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMM6035 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM6035 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Information
MMM6035 Advance Information, Rev. 2.4
12
Freescale Semiconductor
Table 11. Bill of Materials
Reference
Value
Size and Manufacturer
C1
68 uF 6 V
Sprague
C2
1000 nF
0402 Murata
C3
100 nF
0402 Murata
C4
22 pF
0402 Murata
C5
22 pF
0402 Murata
C6
2.7 pF
0402 Murata
C7
22 pF
0402 Murata
C9
33 pF
0402 Murata
C10
8.2 pF
0201 Johanson
C11
10 nF
0402 Murata
C12
10 nF
0402 Murata
C13
220 pF
0402 Murata
C14
10 nF
0402 Murata
C15
1 nF
0402 Murata
L1
3.9 nH
0402 Murata
R1
10 k
0402 NEOHM
R2
10k
0402 NEOHM
R3
1.8 k
0402 NEOHM
R4
1 k
0402 NEOHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com