Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 61 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 61 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 57Page - Actel Corporation AGLP060 Datasheet HTML 58Page - Actel Corporation AGLP060 Datasheet HTML 59Page - Actel Corporation AGLP060 Datasheet HTML 60Page - Actel Corporation AGLP060 Datasheet HTML 61Page - Actel Corporation AGLP060 Datasheet HTML 62Page - Actel Corporation AGLP060 Datasheet HTML 63Page - Actel Corporation AGLP060 Datasheet HTML 64Page - Actel Corporation AGLP060 Datasheet HTML 65Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 47
Output Register
Timing Characteristics
1.5 V DC Core Voltage
Figure 2-15 • Output Register Timing Diagram
Clear
DOUT
CLK
Data_out
Preset
50%
t
OSUD tOHD
50%
50%
t
OCLKQ
1
0
t
ORECPRE
t
OREMPRE
t
ORECCLR
t
OREMCLR
t
OWCLR
t
OWPRE
t
OPRE2Q
t
OCLR2Q
t
OCKMPWH tOCKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-76 • Output Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std.
Units
tOCLKQ
Clock-to-Q of the Output Data Register
0.66
ns
tOSUD
Data Setup Time for the Output Data Register
0.33
ns
tOHD
Data Hold Time for the Output Data Register
0.00
ns
tOCLR2Q
Asynchronous Clear-to-Q of the Output Data Register
0.82
ns
tOPRE2Q
Asynchronous Preset-to-Q of the Output Data Register
0.88
ns
tOREMCLR
Asynchronous Clear Removal Time for the Output Data Register
0.00
ns
tORECCLR
Asynchronous Clear Recovery Time for the Output Data Register
0.24
ns
tOREMPRE
Asynchronous Preset Removal Time for the Output Data Register
0.00
ns
tORECPRE
Asynchronous Preset Recovery Time for the Output Data Register
0.24
ns
tOWCLR
Asynchronous Clear Minimum Pulse Width for the Output Data Register
0.19
ns
tOWPRE
Asynchronous Preset Minimum Pulse Width for the Output Data Register
0.19
ns
tOCKMPWH
Clock Minimum Pulse Width High for the Output Data Register
0.31
ns
tOCKMPWL
Clock Minimum Pulse Width Low for the Output Data Register
0.28
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com