Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 23 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 23 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 19Page - Actel Corporation AGLP060 Datasheet HTML 20Page - Actel Corporation AGLP060 Datasheet HTML 21Page - Actel Corporation AGLP060 Datasheet HTML 22Page - Actel Corporation AGLP060 Datasheet HTML 23Page - Actel Corporation AGLP060 Datasheet HTML 24Page - Actel Corporation AGLP060 Datasheet HTML 25Page - Actel Corporation AGLP060 Datasheet HTML 26Page - Actel Corporation AGLP060 Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2-9
Power per I/O Pin
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
VCCI (V)
Dynamic Power
PAC9 (µW/MHz) 1
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
3.3
16.26
3.3 V LVTTL / 3.3 V LVCMOS – Schmitt Trigger
3.3
18.95
3.3 V LVCMOS Wide Range2
3.3
16.26
3.3 V LVCMOS Wide Range2 – Schmitt Trigger
3.3
18.95
2.5 V LVCMOS
2.5
4.59
2.5 V LVCMOS – Schmitt Trigger
2.5
6.01
1.8 V LVCMOS
1.8
1.61
1.8 V LVCMOS – Schmitt Trigger
1.8
1.70
1.5 V LVCMOS (JESD8-11)
1.5
0.96
1.5 V LVCMOS (JESD8-11) – Schmitt Trigger
1.5
0.90
1.2 V LVCMOS3
1.2
0.55
1.2 V LVCMOS3 – Schmitt Trigger
1.2
0.47
1.2 V LVCMOS Wide Range3
1.2
0.55
1.2 V LVCMOS Wide Range3 – Schmitt Trigger
1.2
0.47
Notes:
1. PAC9 is the total dynamic power measured on VCCI.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
3. Applicable for IGLOO PLUS V2 devices only, operating at VCCI
≥ VCC.
Table 2-14 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings1
CLOAD (pF)
VCCI (V)
Dynamic Power
PAC10 (µW/MHz)2
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
5
3.3
127.11
3.3 V LVCMOS Wide Range3
5
3.3
127.11
2.5 V LVCMOS
5
2.5
70.71
1.8 V LVCMOS
5
1.8
35.57
1.5 V LVCMOS (JESD8-11)
5
1.5
24.30
1.2 V LVCMOS4
51.2
15.22
1.2 V LVCMOS Wide Range4
51.2
15.22
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PAC10 is the total dynamic power measured on VCCI.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD-8B specification.
4. Applicable for IGLOO PLUS V2 devices only, operating at VCCI
≥ VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com