Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 7 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 7 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 3Page - Actel Corporation AGLP060 Datasheet HTML 4Page - Actel Corporation AGLP060 Datasheet HTML 5Page - Actel Corporation AGLP060 Datasheet HTML 6Page - Actel Corporation AGLP060 Datasheet HTML 7Page - Actel Corporation AGLP060 Datasheet HTML 8Page - Actel Corporation AGLP060 Datasheet HTML 9Page - Actel Corporation AGLP060 Datasheet HTML 10Page - Actel Corporation AGLP060 Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Re vi s i on 11
1-1
1 – IGLOO PLUS Device Family Overview
General Description
The IGLOO PLUS family of flash FPGAs, based on a 130 nm flash process, offers the lowest power
FPGA, a single-chip solution, small-footprint packages, reprogrammability, and an abundance of
advanced features.
The Flash*Freeze technology used in IGLOO PLUS devices enables entering and exiting an ultra-low
power mode that consumes as little as 5 µW while retaining the design information, SRAM content,
registers, and I/O states. Flash*Freeze technology simplifies power management through I/O and clock
management with rapid recovery to operation mode.
The Low Power Active capability (static idle) allows for ultra-low power consumption while the IGLOO
PLUS device is completely functional in the system. This allows the IGLOO PLUS device to control
system power management based on external inputs (e.g., scanning for keyboard stimulus) while
consuming minimal power.
Nonvolatile flash technology gives IGLOO PLUS devices the advantage of being a secure, low power,
single-chip solution that is live at power-up (LAPU). IGLOO PLUS is reprogrammable and offers time-to-
market benefits at an ASIC-level unit cost.
These features enable designers to create high-density systems using existing ASIC or FPGA design
flows and tools.
IGLOO PLUS devices offer 1 kbit of on-chip, reprogrammable, nonvolatile FlashROM storage as well as
clock conditioning circuitry based on an integrated phase-locked loop (PLL). IGLOO PLUS devices have
up to 125 k system gates, supported with up to 36 kbits of true dual-port SRAM and up to 212 user I/Os.
The AGLP030 devices have no PLL or RAM support.
Flash*Freeze Technology
The IGLOO PLUS device offers unique Flash*Freeze technology, allowing the device to enter and exit
ultra-low power Flash*Freeze mode. IGLOO PLUS devices do not need additional components to turn off
I/Os or clocks while retaining the design information, SRAM content, registers, and I/O states.
Flash*Freeze technology is combined with in-system programmability, which enables users to quickly
and easily upgrade and update their designs in the final stages of manufacturing or in the field. The
ability of IGLOO PLUS V2 devices to support a wide range of core and I/O voltages (1.2 V to 1.5 V)
allows further reduction in power consumption, thus achieving the lowest total system power.
During Flash*Freeze mode, each I/O can be set to the following configurations: hold previous state,
tristate, or set as HIGH or LOW.
The availability of low power modes, combined with reprogrammability, a single-chip and single-voltage
solution, and availability of small-footprint, high-pin-count packages, make IGLOO PLUS devices the
best fit for portable electronics.
Flash Advantages
Low Power
IGLOO PLUS devices exhibit power characteristics similar to those of an ASIC, making them an ideal
choice for power-sensitive applications. IGLOO PLUS devices have only a very limited power-on current
surge and no high-current transition period, both of which occur on many FPGAs.
IGLOO PLUS devices also have low dynamic power consumption to further maximize power savings;
power is even further reduced by the use of a 1.2 V core voltage.
Low dynamic power consumption, combined with low static power consumption and Flash*Freeze
technology, gives the IGLOO PLUS device the lowest total system power offered by any FPGA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com