Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 1 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 1 Page - Actel Corporation

  AGLP060 Datasheet HTML 1Page - Actel Corporation AGLP060 Datasheet HTML 2Page - Actel Corporation AGLP060 Datasheet HTML 3Page - Actel Corporation AGLP060 Datasheet HTML 4Page - Actel Corporation AGLP060 Datasheet HTML 5Page - Actel Corporation AGLP060 Datasheet HTML 6Page - Actel Corporation AGLP060 Datasheet HTML 7Page - Actel Corporation AGLP060 Datasheet HTML 8Page - Actel Corporation AGLP060 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
June 2010
I
© 2010 Actel Corporation
IGLOO PLUS Low Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Low Power
•
1.2 V to 1.5 V Core Voltage Support for Low Power
•
Supports Single-Voltage System Operation
•
5 µW Power Consumption in Flash*Freeze Mode
•
Low Power Active FPGA Operation
•
Flash*Freeze
Technology
Enables
Ultra-Low
Power
Consumption while Maintaining FPGA Content
•
Configurable Hold Previous State, Tristate, HIGH, or LOW State
per I/O in Flash*Freeze Mode
•
Easy Entry To / Exit From Ultra-Low Power Flash*Freeze Mode
Feature Rich
•
30 k to 125 k System Gates
•
Up to 36 kbits of True Dual-Port SRAM
•
Up to 212 User I/Os
Reprogrammable Flash Technology
•
130-nm, 7-Layer Metal, Flash-Based CMOS Process
•
Live-at-Power-Up (LAPU) Level 0 Support
•
Single-Chip Solution
•
Retains Programmed Design When Powered Off
•
250 MHz (1.5 V systems) and 160 MHz (1.2 V systems) System
Performance
In-System Programming (ISP) and Security
•
Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)†
•
FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
•
Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
•
1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
•
Bank-Selectable I/O Voltages—4 Banks per Chip on All
IGLOO® PLUS Devices
•
Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V / 2.5 V / 1.8 V / 1.5 V / 1.2 V
•
Selectable Schmitt Trigger Inputs
•
Wide Range Power Supply Voltage Support per JESD8-B,
Allowing I/Os to Operate from 2.7 V to 3.6 V
•
Wide Range Power Supply Voltage Support per JESD8-12,
Allowing I/Os to Operate from 1.14 V to 1.575 V
•
I/O Registers on Input, Output, and Enable Paths
•
Hot-Swappable and Cold-Sparing I/Os
•
Programmable Output Slew Rate and Drive Strength
•
Weak Pull-Up/-Down
•
IEEE 1149.1 (JTAG) Boundary Scan Test
•
Pin-Compatible Small-Footprint Packages across the IGLOO
PLUS Family
Clock Conditioning Circuit (CCC) and PLL†
•
Six CCC Blocks, One with an Integrated PLL
•
Configurable Phase Shift, Multiply/Divide, Delay Capabilities,
and External Feedback
•
Wide Input Frequency Range (1.5 MHz up to 250 MHz)
Embedded Memory
•
1 kbit of FlashROM User Nonvolatile Memory
•
SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
•
True Dual-Port SRAM (except ×18)†
† The AGLP030 device does not support this feature.
Table 1 • IGLOO PLUS Product Family
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
System Gates
30,000
60,000
125,000
Typical Equivalent Macrocells
256
512
1,024
VersaTiles (D-flip-flops)
792
1,584
3,120
Flash*Freeze Mode (typical, µW)
5
10
16
RAM Kbits (1,024 bits)
–
18
36
4,608-Bit Blocks
–
4
8
Secure (AES) ISP
–
Yes
Yes
FlashROM Kbits
1
1
1
Integrated PLL in CCCs 1
–
1
1
VersaNet Globals 2
618
18
I/O Banks
4
4
4
Maximum User I/Os
120
157
212
Package Pins
CS
VQ
CS201, CS289
VQ128
CS201, CS289
VQ176
CS281, CS289
Notes:
1. AGLP060 in CS201 does not support the PLL.
2. Six chip (main) and twelve quadrant global networks are available for AGLP060 and AGLP125.
Revision 11
®


Similar Part No. - AGLP060

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLP060 MICROSEMI-AGLP060 Datasheet
6Mb / 134P
IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGLP060-V2CS289 ACTEL-AGLP060-V2CS289 Datasheet
3Mb / 14P
IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
AGLP060-V2CS289ES ACTEL-AGLP060-V2CS289ES Datasheet
3Mb / 14P
IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
AGLP060-V2CS289I ACTEL-AGLP060-V2CS289I Datasheet
3Mb / 14P
IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
AGLP060-V2CS289PP ACTEL-AGLP060-V2CS289PP Datasheet
3Mb / 14P
IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
More results

Similar Description - AGLP060

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGLP125V2-CSG289I ACTEL-AGLP125V2-CSG289I Datasheet
3Mb / 14P
IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
AGLP125V2-CS281I MICROSEMI-AGLP125V2-CS281I Datasheet
6Mb / 134P
IGLOO PLUS Low Power Flash FPGAs
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com