Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 69 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 69 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 65Page - Actel Corporation AGLP060 Datasheet HTML 66Page - Actel Corporation AGLP060 Datasheet HTML 67Page - Actel Corporation AGLP060 Datasheet HTML 68Page - Actel Corporation AGLP060 Datasheet HTML 69Page - Actel Corporation AGLP060 Datasheet HTML 70Page - Actel Corporation AGLP060 Datasheet HTML 71Page - Actel Corporation AGLP060 Datasheet HTML 72Page - Actel Corporation AGLP060 Datasheet HTML 73Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 55
Timing Characteristics
1.5 V DC Core Voltage
Figure 2-20 • Timing Model and Waveforms
PRE
CLR
Out
CLK
Data
EN
tSUE
50%
50%
tSUD
tHD
50%
50%
tCLKQ
0
tHE
tRECPRE
tREMPRE
tRECCLR
tREMCLR
tWCLR
tWPRE
tPRE2Q
tCLR2Q
tCKMPWH tCKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-82 • Register Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std.
Units
tCLKQ
Clock-to-Q of the Core Register
0.89
ns
tSUD
Data Setup Time for the Core Register
0.81
ns
tHD
Data Hold Time for the Core Register
0.00
ns
tSUE
Enable Setup Time for the Core Register
0.73
ns
tHE
Enable Hold Time for the Core Register
0.00
ns
tCLR2Q
Asynchronous Clear-to-Q of the Core Register
0.60
ns
tPRE2Q
Asynchronous Preset-to-Q of the Core Register
0.62
ns
tREMCLR
Asynchronous Clear Removal Time for the Core Register
0.00
ns
tRECCLR
Asynchronous Clear Recovery Time for the Core Register
0.24
ns
tREMPRE
Asynchronous Preset Removal Time for the Core Register
0.00
ns
tRECPRE
Asynchronous Preset Recovery Time for the Core Register
0.23
ns
tWCLR
Asynchronous Clear Minimum Pulse Width for the Core Register
0.30
ns
tWPRE
Asynchronous Preset Minimum Pulse Width for the Core Register
0.30
ns
tCKMPWH
Clock Minimum Pulse Width High for the Core Register
0.56
ns
tCKMPWL
Clock Minimum Pulse Width Low for the Core Register
0.56
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com