Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 67 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 67 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 63Page - Actel Corporation AGLP060 Datasheet HTML 64Page - Actel Corporation AGLP060 Datasheet HTML 65Page - Actel Corporation AGLP060 Datasheet HTML 66Page - Actel Corporation AGLP060 Datasheet HTML 67Page - Actel Corporation AGLP060 Datasheet HTML 68Page - Actel Corporation AGLP060 Datasheet HTML 69Page - Actel Corporation AGLP060 Datasheet HTML 70Page - Actel Corporation AGLP060 Datasheet HTML 71Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 53
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-80 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Combinatorial Cell
Equation
Parameter
Std.
Units
INV
Y = !A
tPD
0.72
ns
AND2
Y = A · B
tPD
0.86
ns
NAND2
Y = !(A · B)
tPD
1.00
ns
OR2
Y = A + B
tPD
1.26
ns
NOR2
Y = !(A + B)
tPD
1.16
ns
XOR2
Y = A
⊕ Bt
PD
1.46
ns
MAJ3
Y = MAJ(A, B, C)
tPD
1.47
ns
XOR3
Y = A
⊕ B ⊕ Ct
PD
2.12
ns
MUX2
Y = A !S + B S
tPD
1.24
ns
AND3
Y = A · B · C
tPD
1.40
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-81 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Combinatorial Cell
Equation
Parameter
Std.
Units
INV
Y = !A
tPD
1.26
ns
AND2
Y = A · B
tPD
1.46
ns
NAND2
Y = !(A · B)
tPD
1.78
ns
OR2
Y = A + B
tPD
2.47
ns
NOR2
Y = !(A + B)
tPD
2.17
ns
XOR2
Y = A
⊕ Bt
PD
2.62
ns
MAJ3
Y = MAJ(A, B, C)
tPD
2.66
ns
XOR3
Y = A
⊕ B ⊕ Ct
PD
3.77
ns
MUX2
Y = A !S + B S
tPD
2.20
ns
AND3
Y = A · B · C
tPD
2.49
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com