Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 42 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 42 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 38Page - Actel Corporation AGLP060 Datasheet HTML 39Page - Actel Corporation AGLP060 Datasheet HTML 40Page - Actel Corporation AGLP060 Datasheet HTML 41Page - Actel Corporation AGLP060 Datasheet HTML 42Page - Actel Corporation AGLP060 Datasheet HTML 43Page - Actel Corporation AGLP060 Datasheet HTML 44Page - Actel Corporation AGLP060 Datasheet HTML 45Page - Actel Corporation AGLP060 Datasheet HTML 46Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 28
R e v i sio n 1 1
Timing Characteristics
Applies to 1.5 V DC Core Voltage
Applies to 1.2 V DC Core Voltage
Table 2-36 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
4 mA
STD
0.97
3.94
0.18
0.85
1.15
0.66
4.02
3.46
1.82
1.87
ns
6 mA
STD
0.97
3.20
0.18
0.85
1.15
0.66
3.27
2.94
2.04
2.27
ns
8 mA
STD
0.97
3.20
0.18
0.85
1.15
0.66
3.27
2.94
2.04
2.27
ns
12 mA
STD
0.97
2.72
0.18
0.85
1.15
0.66
2.78
2.57
2.20
2.53
ns
16 mA
STD
0.97
2.72
0.18
0.85
1.15
0.66
2.78
2.57
2.20
2.53
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-37 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
4 mA
STD
0.97
2.36
0.18
0.85
1.15
0.66
2.41
1.90
1.82
1.98
ns
6 mA
STD
0.97
1.96
0.18
0.85
1.15
0.66
2.01
1.56
2.04
2.38
ns
8 mA
STD
0.97
1.96
0.18
0.85
1.15
0.66
2.01
1.56
2.04
2.38
ns
12 mA
STD
0.97
1.76
0.18
0.85
1.15
0.66
1.80
1.39
2.20
2.64
ns
16 mA
STD
0.97
1.76
0.18
0.85
1.15
0.66
1.80
1.39
2.20
2.64
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray.
Table 2-38 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
4 mA
STD
0.98
4.56
0.19
0.99
1.37
0.67
4.63
3.98
2.26
2.57
ns
6 mA
STD
0.98
3.80
0.19
0.99
1.37
0.67
3.96
3.45
2.49
2.98
ns
8 mA
STD
0.98
3.80
0.19
0.99
137
0.67
3.86
3.45
2.49
2.98
ns
12 mA
STD
0.98
3.31
0.19
0.99
1.37
0.67
3.36
3.07
2.65
3.25
ns
16 mA
STD
0.98
3.31
0.19
0.99
1.37
0.67
3.36
3.07
2.65
3.25
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
Table 2-39 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
4 mA
STD
0.98
2.92
0.19
0.99
1.37
0.67
2.97
2.38
2.25
2.70
ns
6 mA
STD
0.98
2.52
0.19
0.99
1.37
0.67
2.56
2.03
2.49
3.11
ns
8 mA
STD
0.98
2.52
0.19
0.99
1.37
0.67
2.56
2.03
2.49
3.11
ns
12 mA
STD
0.98
2.31
0.19
0.99
1.37
0.67
2.34
1.86
2.65
3.38
ns
16 mA
STD
0.98
2.31
0.19
0.99
1.37
0.67
2.34
1.86
2.65
3.38
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.
2. Software default selection highlighted in gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com