Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 16 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 16 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 12Page - Actel Corporation AGLP060 Datasheet HTML 13Page - Actel Corporation AGLP060 Datasheet HTML 14Page - Actel Corporation AGLP060 Datasheet HTML 15Page - Actel Corporation AGLP060 Datasheet HTML 16Page - Actel Corporation AGLP060 Datasheet HTML 17Page - Actel Corporation AGLP060 Datasheet HTML 18Page - Actel Corporation AGLP060 Datasheet HTML 19Page - Actel Corporation AGLP060 Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 2
R ev isio n 1 1
Table 2-2 • Recommended Operating Conditions1,2
Symbol
Parameter
Commercial
Industrial
Units
TA
Ambient temperature
0 to +70
–40 to +85
°C
TJ
Junction temperature2
0 to + 85
–40 to +100
°C
VCC3
1.5 V DC core supply voltage 4
1.425 to 1.575
1.425 to 1.575
V
1.2 V–1.5 V wide range core voltage5,6
1.14 to 1.575
1.14 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP7
Programming voltage
Programming mode
3.15 to 3.45
3.15 to 3.45
V
Operation
0 to 3.6
0 to 3.6
V
VCCPLL8
Analog power supply (PLL)
1.5 V DC core supply voltage4
1.425 to 1.575
1.425 to 1.575
V
1.2 V–1.5 V wide range core
voltage5
1.14 to 1.575
1.14 to 1.575
V
VCCI
1.2 V DC supply voltage5
1.14 to 1.26
1.14 to 1.26
V
1.2 V DC wide range supply voltage5
1.14 to 1.575
1.14 to 1.575
V
1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V wide range DC supply voltage9
2.7 to 3.6
2.7 to 3.6
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. To ensure targeted reliability standards are met across ambient and junction operating temperatures, Actel recommends
that the user follow best design practices using Actel’s timing and power simulation tools.
3. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-21 on page 2-19. VCCI should be at the same voltage within a given I/O bank.
4. For IGLOO® PLUS V5 devices
5. For IGLOO PLUS V2 devices only, operating at VCCI
≥ VCC.
6. All IGLOO PLUS devices (V5 and V2) must be programmed with the VCC core voltage at 1.5 V. Applications using V2
devices powered by a 1.2 V supply must switch the core supply to 1.5 V for in-system programming.
7. VPUMP can be left floating during operation (not programming mode).
8. VCCPLL pins should be tied to VCC pins. See the Pin Descriptions chapter of the IGLOO PLUS FPGA Fabric User’s
Guide for further information.
9. 3.3 V wide range is compliant to the JDEC8b specification and supports 3.0 V VCCI operation.
Table 2-3 • Flash Programming Limits – Retention, Storage, and Operating Temperature 1
Product
Grade
Programming
Cycles
Program
Retention
(biased/unbiased)
Maximum Storage
Temperature TSTG
(°C) 2
Maximum Operating
Junction
Temperature TJ (°C)
2
Commercial
500
20 years
110
100
Industrial
500
20 years
110
100
Notes:
1. This is a stress rating only; functional operation at any condition other than those indicated is not implied.
2. These limits apply for program/data retention only. Refer to Table 2-1 on page 2-1 and Table 2-2 for device operating
conditions and absolute limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com