Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 8 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 8 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 4Page - Actel Corporation AGLP060 Datasheet HTML 5Page - Actel Corporation AGLP060 Datasheet HTML 6Page - Actel Corporation AGLP060 Datasheet HTML 7Page - Actel Corporation AGLP060 Datasheet HTML 8Page - Actel Corporation AGLP060 Datasheet HTML 9Page - Actel Corporation AGLP060 Datasheet HTML 10Page - Actel Corporation AGLP060 Datasheet HTML 11Page - Actel Corporation AGLP060 Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
IGLOO PLUS Device Family Overview
1- 2
R ev isio n 1 1
Security
The nonvolatile, flash-based IGLOO PLUS devices do not require a boot PROM, so there is no
vulnerable external bitstream that can be easily copied. IGLOO PLUS devices incorporate FlashLock,
which provides a unique combination of reprogrammability and design security without external
overhead, advantages that only an FPGA with nonvolatile flash programming can offer.
IGLOO PLUS devices (except AGLP030) utilize a 128-bit flash-based lock and a separate AES key to
secure programmed intellectual property and configuration data. In addition, all FlashROM data in
IGLOO PLUS devices can be encrypted prior to loading, using the industry-leading AES-128 (FIPS192)
bit block cipher encryption standard. AES was adopted by the National Institute of Standards and
Technology (NIST) in 2000 and replaces the 1977 DES standard. IGLOO PLUS devices have a built-in
AES decryption engine and a flash-based AES key that make them the most comprehensive
programmable logic device security solution available today. IGLOO PLUS devices with AES-based
security allow for secure, remote field updates over public networks such as the Internet, and ensure that
valuable IP remains out of the hands of system overbuilders, system cloners, and IP thieves. The
contents of a programmed IGLOO PLUS device cannot be read back, although secure design verification
is possible.
Security, built into the FPGA fabric, is an inherent component of the IGLOO PLUS family. The flash cells
are located beneath seven metal layers, and many device design and layout techniques have been used
to make invasive attacks extremely difficult. The IGLOO PLUS family, with FlashLock and AES security,
is unique in being highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected
and secure, making remote ISP possible. An IGLOO PLUS device provides the most impenetrable
security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based IGLOO PLUS
FPGAs do not require system configuration components such as EEPROMs or microcontrollers to load
device configuration data. This reduces bill-of-materials costs and PCB area, and increases security and
system reliability.
The IGLOO PLUS devices can be operated with a 1.2 V or 1.5 V single-voltage supply for core and I/Os,
eliminating the need for additional supplies while minimizing total power consumption.
Live at Power-Up
The Actel flash-based IGLOO PLUS devices support Level 0 of the LAPU classification standard. This
feature helps in system component initialization, execution of critical tasks before the processor wakes
up, setup and configuration of memory blocks, clock generation, and bus activity management. The
LAPU feature of flash-based IGLOO PLUS devices greatly simplifies total system design and reduces
total system cost, often eliminating the need for CPLDs and clock generation PLLs. In addition, glitches
and brownouts in system power will not corrupt the IGLOO PLUS device's flash configuration, and unlike
SRAM-based FPGAs, the device will not have to be reloaded when system power is restored. This
enables the reduction or complete removal of the configuration PROM, expensive voltage monitor,
brownout detection, and clock generator devices from the PCB design. Flash-based IGLOO PLUS
devices simplify total system design and reduce cost and design risk while increasing system reliability
and improving system initialization time.
IGLOO PLUS flash FPGAs allow the user to quickly enter and exit Flash*Freeze mode. This is done
almost instantly (within 1 µs), and the device retains configuration and data in registers and RAM. Unlike
SRAM-based FPGAs, the device does not need to reload configuration and design state from external
memory components; instead, it retains all necessary information to resume operation immediately.
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike SRAM-
based FPGAs, flash-based IGLOO PLUS devices allow all functionality to be live at power-up; no
external boot PROM is required. On-board security mechanisms prevent access to all the programming
information and enable secure remote updates of the FPGA logic. Designers can perform secure remote
in-system reprogramming to support future design iterations and field upgrades with confidence that
valuable intellectual property cannot be compromised or copied. Secure ISP can be performed using the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com