Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP060 Datasheet(PDF) 29 Page - Actel Corporation

Part # AGLP060
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP060 Datasheet(HTML) 29 Page - Actel Corporation

Back Button AGLP060 Datasheet HTML 25Page - Actel Corporation AGLP060 Datasheet HTML 26Page - Actel Corporation AGLP060 Datasheet HTML 27Page - Actel Corporation AGLP060 Datasheet HTML 28Page - Actel Corporation AGLP060 Datasheet HTML 29Page - Actel Corporation AGLP060 Datasheet HTML 30Page - Actel Corporation AGLP060 Datasheet HTML 31Page - Actel Corporation AGLP060 Datasheet HTML 32Page - Actel Corporation AGLP060 Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
Re vi s i on 11
2 - 15
User I/O Characteristics
Timing Model
Figure 2-3 •
Timing Model
Operating Conditions: STD Speed, Commercial Temperature Range (TJ = 70°C), Worst-Case
VCC = 1.425 V, for DC 1.5 V Core Voltage, Applicable to V2 and V5 Devices
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
Register Cell
Register Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
LVCMOS 2.5 V Output Drive
Strength = 12 mA High Slew Rate
Input LVCMOS 2.5 V
LVCMOS 1.5 V
LVTTL 3.3 V Output drive
strength = 12 mA High slew rate
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
I/O Module
(Non-Registered)
LVTTLOutput drive strength = 8 mA
High slew rate
I/O Module
(Non-Registered)
LVCMOS 1.5 V Output drive strength = 4 mA
High slew rate
LVTTLOutput drive strength = 12 mA
High slew rate
I/O Module
(Non-Registered)
Input LVTTL
Clock
Input LVTTL
Clock
Input LVTTL
Clock
tPD = 1.40 ns
tPD = 0.89 ns
tDP = 1.62 ns
tPD = 1.98 ns
tDP = 1.62 ns
tPD = 1.24 ns
tDP = 1.70 ns
tPD = 0.86 ns
tDP = 2.07 ns
tPD = 0.87 ns
tPY = 0.85 ns
tCLKQ = 0.80 ns
tOCLKQ = 0.89 ns
tSUD = 0.84 ns
tOSUD = 0.18 ns
tDP = 1.62 ns
tPY = 0.85 ns
tPY = 1.15 ns
tCLKQ = 0.80 ns
tSUD = 0.84 ns
tPY = 0.85 ns
tICLKQ = 0.63 ns
tISUD = 0.18 ns
tPY = 1.06 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com