Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 40Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 41Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 42Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 43Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 44Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 45Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 46Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 47Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
Functional overview
STM32WLE5/E4xx
44/145
DS13105 Rev 8
TIM16 and TIM17 main features:
•
general-purpose timers with mid-range features
•
16-bit auto-reload upcounters and 16-bit prescalers
•
1 channel and 1 complementary channel
•
channels that can all be used for input capture/output compare, PWM or one-pulse
mode output
•
counter that can be frozen in debug mode
•
independent DMA request generation
3.25.3
Low-power timers (LPTIM1, LPTIM2 and LPTIM3)
These low-power timers have an independent clock and run in Stop mode if they are
clocked by LSE, LSI, or by an external clock. They are able to wake up the system from
Stop mode.
LPTIM1 is active in Stop 0, Stop 1 and Stop 2 modes.
LPTIM2 and LPTIM3 are active in Stop 0 and Stop 1 modes.
LPTIM1/2/3 main features:
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
configurable output: pulse, PWM
•
continuous/one-shot mode
•
selectable software/hardware input trigger
•
selectable clock source
•
internal clock sources: LSE, either LSI, HSI16 or APB clock
•
external clock source over LPTIM input (works even with no internal clock source
running, used by pulse counter application)
•
programmable digital glitch filter
•
encoder mode (LPTIM1 only)
3.25.4
Independent watchdog (IWDG)
The independent watchdog is based on a 12-bit downcounter and a 8-bit prescaler. The
IWDG is clocked from an independent 32 kHz internal RC (LSI). As the IWDG operates
independently from the main clock, it can operate in Stop and Standby modes.
The IWDG can be used either as a watchdog to reset the device when a problem occurs, or
as a free running timer for application timeout management. The IWDG is hardware or
software configurable through the option bytes. The counter can be frozen in debug mode.
3.25.5
System window watchdog (WWDG)
The window watchdog is based on a 7-bit downcounter that can be set as free running. The
WWDG can be used as a watchdog to reset the device when a problem occurs.
The WWDG is clocked from the main clock and has an early warning interrupt capability.
The counter can be frozen in debug mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com