Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 24Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 25Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 26Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 27Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 28Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 29Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 30Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 31Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 145 page
background image
Functional overview
STM32WLE5/E4xx
28/145
DS13105 Rev 8
nor an external super-capacitor are present. Three anti-tamper detection pins are available
in VBAT mode.
VBAT operation is automatically activated when VDD is not present.
An internal VBAT battery charging circuit is embedded and can be activated when VDD is
present.
Note:
When the microcontroller is supplied only from VBAT, external interrupts and RTC
alarm/events do not exit it from VBAT operation.
3.10
Low-power modes
The devices support several low-power modes to achieve the best compromise between
low-power consumption, short startup time, available peripherals and available wakeup
sources.
By default, the microcontroller is in Run mode, range 1, after a system or a power-on reset.
It is up to the user to select one of the low-power modes described below:
•
Sleep mode: CPU clock off, all peripherals including CPU core peripherals (among
them NVIC, SysTick) can run and wake up the CPU when an interrupt or an event
occurs.
•
Low-power run mode (LPRun): when the system clock frequency is reduced below
2 MHz. The code is executed from the SRAM or from the Flash memory. The regulator
is in low-power mode to minimize the operating current.
•
Low-power sleep mode (LPSleep): entered from the LPRun mode.
•
Stop 0 and Stop 1 modes: the content of SRAM1, SRAM2 and of all registers is
retained. All clocks in the VCORE domain are stopped. PLL, MSI, HSI16 and HSE32 are
disabled. LSI and LSE can be kept running.
RTC can remain active (Stop mode with RTC, Stop mode without RTC). The sub-GHz
radio may remain active independently from the CPU.
Some peripherals with the wakeup capability can enable HSI16 RC during the Stop
mode to detect their wakeup condition.
Stop 1 offers the largest number of active peripherals and wakeup sources, a smaller
wakeup time but a higher consumption compared with Stop 2.
In Stop 0 mode, the main regulator remains on, resulting in the fastest wakeup time but
with much higher consumption. The active peripherals and wakeup sources are the
same as in Stop 1 mode that uses the low-power regulator.
The system clock, when exiting Stop 0 or Stop 1 mode, can be either MSI up to 48 MHz
or HSI16, depending on the software configuration.
•
Stop 2 mode: part of the VCORE domain is powered off. Only SRAM1, SRAM2, CPU
and some peripherals preserve their contents (see Table 7).
All clocks in the VCORE domain are stopped. PLL, MSI, HSI16 and HSE32 are disabled.
LSI and LSE can be kept running.
RTC can remain active (Stop 2 mode with RTC, Stop 2 mode without RTC). The sub-
GHz radio may also remain active independent from the CPU.
Some peripherals with the wakeup capability can enable HSI16 RC during the Stop 2
mode to detect their wakeup condition (see Table 7).
The system clock when exiting from Stop 2 mode, can be either MSI up to 48 MHz or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com