Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 74Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 75Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 76Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 77Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 78Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 79Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 80Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 81Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 145 page
background image
Table 36. Current consumption in Run and LPRun modes, CoreMark code with data
running from Flash memory, ART enable (cache ON, prefetch OFF)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25 °C
55 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD (Run)
Supply current
in Run mode
fHCLK = fMSI
All peripherals
disabled
Range 2
16
1.85
1.90
1.95
2.10
2.20
2.40
2.80
mA
8
1.10
1.15
1.20
1.30
1.40
1.60
1.90
2
0.585
0.610
0.670
0.760
-
-
-
SMPS
Range 2
16
1.50
1.45
1.65
1.70
-
-
-
8
1.00
1.05
1.05
1.10
-
-
-
2
0.730
0.750
0.780
0.830
-
-
-
Range 1
48
5.55
5.65
5.80
5.95
7.40
11.0
14.0
32
3.85
3.95
4.05
4.20
5.60
8.40
13.0
16
2.15
2.20
2.30
2.45
3.70
6.60
11.0
SMPS
Range 1
48
3.40
3.45
3.55
3.60
-
-
-
32
2.50
2.55
2.60
2.65
-
-
-
16
1.60
1.60
1.65
1.70
-
-
-
IDD
(LPRun)
Supply current
in LPRun mode
fHCLK = fMSI
All peripherals disabled
2
0.220
0.235
0.290
0.380
0.270
0.490
0.880
1
0.120
0.135
0.185
0.275
0.150
0.390
0.780
0.4
0.058
0.0715
0.120
0.210
0.084
0.330
0.710
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com