Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 76Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 77Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 78Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 79Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 80Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 81Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 82Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 83Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 145 page
background image
Table 38. Typical current consumption in Run and LPRun modes, with different codes
running from Flash memory, ART enable (cache ON, prefetch OFF)
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage scaling
Code
25 °C
25 °C
IDD(Run)
Supply current in
Run mode
fHCLK = fMSI
All peripherals disabled
Range 2
fHCLK = 16 MHz
Reduced code
1.90
mA
118.75
µA/MHz
CoreMark(1)
1.85
115.63
Dhrystone 2.1
1.85
115.63
Fibonacci
1.80
112.50
While(1)
1.60
100.00
SMPS
Range 2
fHCLK = 16 MHz
Reduced code
1.45
90.63
CoreMark(1)
1.40
87.50
Dhrystone 2.1
1.40
87.50
Fibonacci
1.40
87.50
While(1)
1.30
81.25
Range 1
fHCLK = 48 MHz
Reduced code
5.70
118.75
CoreMark(1)
5.55
115.63
Dhrystone 2.1
5.50
114.58
Fibonacci
5.40
112.50
While(1)
4.65
96.88
SMPS
Range 1
fHCLK = 48 MHz
Reduced code
3.50
72.92
CoreMark(1)
3.40
70.83
Dhrystone 2.1
3.40
70.83
Fibonacci
3.30
68.75
While(1)
2.90
60.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com