Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 71Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 72Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 145 page
background image
DS13105 Rev 8
69/145
STM32WLE5/E4xx
Electrical characteristics
133
Table 28. Sub-GHz radio power consumption in transmit mode
Symbol
Frequency band (MHz)
PA match (conditions)
Power output
Typ
Unit
IDD
868 to 915
Low power
(optimized for 14 dBm)
+14 dBm, VDDRF = 3.3 V
23.5
mA
+10 dBm, VDDRF = 3.3 V
17.5
+14 dBm, VDDRF = 1.8 V
41.5
+10 dBm, VDDRF = 1.8 V
28.5
Low power
(optimal settings)(1)
+15 dBm, VDDRF = 3.3 V
25.5
+10 dBm, VDDRF = 3.3 V
15
+15 dBm, VDDRF = 1.8 V
51
+10 dBm, VDDRF = 1.8 V
25
434 to 490
Low power
(optimized for 14 dBm)
+14 dBm, VDDRF = 3.3 V
22.5
+10 dBm, VDDRF = 3.3 V
13.5
+14 dBm, VDDRF = 1.8
39.5
+10 dBm, VDDRF = 1.8 V
22.5
Low power (optimal settings)
+15 dBm, VDDRF = 3.3 V
24.5
+10 dBm, VDDRF = 3.3 V
13.5
+15 dBm, VDDRF = 1.8 V
43
+10 dBm, VDDRF = 1.8 V
21.5
868 to 915
Low-power PA, SMPS OFF
+14 dBm, VDDRF = 3.3 V
45.5
434 to 490
43.5
868 to 915
High power
(optimized for 22 dBm)
+22 dBm, VDDRF = 3.3 V
119
+20 dBm, VDDRF = 3.3 V
107.5
+17 dBm, VDDRF = 3.3 V
98
+14 dBm, VDDRF = 3.3 V
92
High power (optimal settings)
+20 dBm, VDDRF = 3.3 V
92.5
+17 dBm, VDDRF = 3.3 V
58
+14 dBm, VDDRF = 3.3 V
45.5
434 to 490
High power
(optimized for 22 dBm)
+22 dBm, VDDRF = 3.3 V
110.5
+20 dBm, VDDRF = 3.3 V
90
+17 dBm, VDDRF = 3.3 V
71
+14 dBm, VDDRF = 3.3 V
59
High power (optimal settings)
+20 dBm, VDDRF = 3.3 V
72
+17 dBm, VDDRF = 3.3 V
43.5
+14 dBm, VDDRF = 3.3 V
38
1. Optimal settings can be used to optimize power consumption when the output power is NOT 22 dBm (high power) or
14 dBm (low power). In that case, a dedicated firmware configuration associated to a dedicated board matching network
(see AN5457 for details) corresponding to the custom output power, can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com