Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 64Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 71Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
68/145
DS13105 Rev 8
Table 27. Sub-GHz radio power consumption
Symbol
Mode
Conditions
Min
Typ
Max
Unit
IDD
Deep-Sleep
mode (Sleep
with cold
start)(1)(2)
All blocks off
-
50
-
nA
Sleep mode
(with warm
start)(2)(3)
Configuration retained
-
140
-
Configuration retained + RC64k
-
810
-
Sleep, LDO
mode(4)
LDO, band-gap,
RC 13 MHz on
HSE32 off
-
414
-
µA
HSE32 on
-
564
-
Sleep, SMPS
mode(4)
Band-gap,
RC 13 MHz on,
SMPS 40 mA max
HSE32 off
-
700
-
HSE32 on
-
950
-
Standby mode
(RC 13 MHz on)
RC 13 MHz on, HSE32 off
-
0.7
-
mA
Standby mode
(HSE32)
SMPS mode
40 mA max settings
-
1.05
-
LDO mode
-
0.99
-
Synthesizer
mode
SMPS mode used with 40 mA drive capability
-
2.66
-
LDO mode
-
4.05
-
Receive mode,
SMPS mode
used
SMPS 40 mA max
FSK 4.8 Kbit/s
-
4.47
-
mA
LoRa 125 kHz
-
4.82
-
Rx boosted, FSK 4.8 Kbit/s
-
5.12
-
RX boosted, LoRa 125 kHz
-
5.46
-
Receive mode,
LDO mode used
FSK 4.8 Kbit/s
-
8.18
-
LoRa 125 kHz
8.90
RX boosted
FSK 4.8 Kbit/s
9.52
LoRa 125 kHz
10.22
1. Cold start is equivalent to device at POR or when the device wakes up from Sleep mode with all blocks off.
2. Only Sub-GHz radio power consumption.
3. Warm start only happens when the device wakes up from Sleep mode with its configuration retained,
4. System in Stop 0 mode range 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com