Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 78Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 79Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 80Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 81Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 82Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 83Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 84Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 145 page
background image
Table 39. Typical current consumption in Run and LPRun modes,
with different codes running from SRAM1
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage scaling
Code
25 °C
25 °C
IDD(Run)
Supply current
in Run mode
fHCLK = fMSI
All peripherals disabled
Range 2
fHCLK = 16 MHz
Reduced code
1.95
mA
121.88
µA/MHz
CoreMark(1)
1.90
118.75
Dhrystone 2.1
1.90
118.75
Fibonacci
1.90
118.75
While(1)
1.75
109.38
Range 2
SMPS ON
fHCLK = 16 MHz
Reduced code
1.45
90.63
CoreMark(1)
1.45
90.63
Dhrystone 2.1
1.45
90.63
Fibonacci
1.45
90.63
While(1)
1.35
84.38
Range 1
fHCLK = 48 MHz
Reduced code
5.90
122.92
CoreMark(1)
5.65
117.71
Dhrystone 2.1
5.70
118.75
Fibonacci
5.65
117.71
While(1)
5.10
106.25
Range 1
SMPS ON
fHCLK = 48 MHz
Reduced code
3.60
75.00
CoreMark(1)
3.45
71.88
Dhrystone 2.1
3.50
72.92
Fibonacci
3.45
71.88
While(1)
3.15
65.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com