Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 7Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 8Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 9Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 10Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 11Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 12Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 13Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
DS13105 Rev 8
11/145
STM32WLE5/E4xx
Introduction
14
1
Introduction
This document provides information on the STM32WLE5/E4xx microcontrollers.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 Technical
Reference Manual available from the www.arm.com website.
For information on LoRa® modulation, refer to the Semtech website
(https://www.semtech.com/technology/lora).
2
Description
The STM32WLE5/E4xx long-range wireless and ultra-low-power devices embed a powerful
and ultra-low-power LPWAN-compliant radio solution, enabling the following modulations:
LoRa®, (G)FSK, (G)MSK, and BPSK.
The LoRa® modulation is available in STM32WLx5xx only.
These devices are designed to be extremely low-power and are based on the
high-performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to
48 MHz. This core implements a full set of DSP instructions and an independent memory
protection unit (MPU) that enhances the application security.
The devices embed high-speed memories (Flash memory up to 256 Kbytes, SRAM up to
64 Kbytes), and an extensive range of enhanced I/Os and peripherals.
The devices also embed several protection mechanisms for embedded Flash memory and
SRAM: readout protection, write protection and proprietary code readout protection.
These devices offer a 12-bit ADC, a 12-bit DAC low-power sample-and-hold, two
ultra-low-power comparators associated with a high-accuracy reference voltage generator.
The devices embed a low-power RTC with a 32-bit sub-second wakeup counter, one 16-bit
single-channel timer, two 16-bit four-channel timers (supporting motor control), one 32-bit
four-channel timer and three 16-bit ultra-low-power timers.
These devices also embed two DMA controllers (7 channels each) allowing any transfer
combination between memory (Flash memory, SRAM1 and SRAM2) and peripheral, using
the DMAMUX1 for flexible DMA channel mapping.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com