Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 27Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 28Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 29Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 30Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 31Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 32Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 33Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 34Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 145 page
background image
DS13105 Rev 8
31/145
STM32WLE5/E4xx
Functional overview
48
True random number
generator (RNG)
O
(10)
O(1
0)
RR
R
-R
--
--
--
--
AES hardware accelerator
O
O
O
O
R
-R
--
--
--
--
PKA hardware accelerator
O
O
O
O
R
-R
--
--
--
--
CRC calculation unit
O
O
O
O
R
-R
-R
--
--
--
HSEM
O
R
O
R
R
-R
--
--
--
--
EXTI
O
O
O
O
R
OR
OR
O-
--
--
GPIOs
O
O
O
O
O
OO
OO
O
R
(11)
3
pin
s
(12)
(13)
3
pins
(12)
-
1. Legend: Y = Yes (enabled). O = Optional (disabled by default and can be enabled by software). R = data retained.
- = Not available. Gray cells indicate wakeup capability.
2. The SRAM clock can be gated on or off.
3. Flash memory can be placed in power-down mode.
4. The SRAM2 content can optionally be retained when the PWR_CR3.RRS bit is set.
5. Only when the sub-GHz radio is active.
6. Some peripherals with wakeup from Stop capability can request HSI16 to be enabled. In this case, HSI16 is woken up by
the peripheral, and only feeds the peripheral that requested it. HSI16 is automatically put off when the peripheral does not
need it anymore.
7. HSE32 can be used by sub-GHz radio system.
8. USART reception is functional in Stop 0 and Stop 1 modes. LPUART1 reception is functional is Stop 0, Stop 1, and Stop 2
modes. LPUART1 generates a wakeup interrupt on Start address match or received frame event.
9. I2Cx (x= 1, 2) address detection is functional in Stop 0 and Stop 1 modes. I2C3 address detection is functional in Stop 0,
Stop 1 and Stop 2 modes. I2C3 generates a wakeup interrupt in case of address match.
10. Voltage scaling range 1 only.
11. I/Os can be configured with internal pull-up, pull-down or floating in Standby mode.
12. The I/Os with wakeup from Standby/Shutdown capability are PA0, PC13 and PB3.
13. I/Os can be configured with internal pull-up, pull-down or floating in Shutdown mode, but the configuration is lost when
exiting the Shutdown mode.
Table 7. Functionalities depending on system operating mode(1) (continued)
Peripheral
Stop 0
Stop 1
Stop 2
Standby Shutdown
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com