Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 16Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 17Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 18Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 19Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 20Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 21Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 22Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 23Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 145 page
background image
Functional overview
STM32WLE5/E4xx
20/145
DS13105 Rev 8
For this, the REG PA must be supplied directly from VDD on VDDSMPS pin, as shown in the
figure below.
The output power range is programmable in 32 steps of ~ 1 dB. The power amplifier
ramping timing is also programmable.This allows adaptation to meet radio regulation
requirements.
Figure 3. High output power PA
The table below gives the maximum transmit output power versus the VDDPA supply level.
Transmitter low output power
The transmit low output power up to + 15 dBm on full VDD range (1.8 to 3.6 V), is supported
through the RFO_LP RF pin. For this, the REG PA must be supplied from the regulated
VFBSMPS supply at 1.55 V, as shown in the figure below.
The output power range is programmable in 32 steps of ~1 dB. The power amplifier ramping
timing is also programmable.This allows adaptation to meet radio regulation requirements.
Table 4. Sub-GHz radio transmit high output power
VDDPA supply (V)
Transmit output power (dBm)
3.3
+ 22
2.7
+ 20
2.4
+ 19
1.8
+ 16
MSv62616V2
VLXSMPS
VFBSMPS (1.55V)
VDDPA
VR_PA (up to 3.1V)
RFO_HP
LDO/SMPS
REG
PA
HP PA
VLXSMPS
VFBSMPS (1.55V)
VDDPA
VR_PA (up to 3.1V)
RFO_HP
LDO/SMPS
REG
PA
HP PA
VDD
VDD
VDD
VDD
VDDSMPS (1.8 to 3.6V)
VDDSMPS (1.8 to 3.6V)
LDO mode
SMPS mode
Note: Use of the SMPS is optional. When SMPS is not used, the BOM can be reduced by removing the coil
between VLXSMPS and VFBSMPS pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com