Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU7TR Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32WLE4JCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU7TR Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32WLE4JCU7TR Datasheet HTML 107Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 108Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 109Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 110Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 111Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 112Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 114Page - STMicroelectronics STM32WLE4JCU7TR Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 145 page
background image
DS13105 Rev 8
111/145
STM32WLE5/E4xx
Electrical characteristics
133
Input/output AC characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 25: General operating conditions.
Table 73. Output voltage characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(2)
Output low-level voltage for an I/O pin
CMOS port(3)
|IIO| = 8 mA, VDD ≥ 2.7 V
-0.4
V
VOH(2)
Output high-level voltage for an I/O pin
VDD - 0.4
-
VOL(2)
Output low-level voltage for an I/O pin
TTL port(3)
|IIO| = 8 mA, VDD ≥ 2.7 V
-0.4
VOH(2)
Output high-level voltage for an I/O pin
2.4
-
VOL(2)
Output low-level voltage for an I/O pin
|IIO| = 20 mA, VDD ≥ 2.7 V
-1.3
VOH(2)
Output high-level voltage for an I/O pin
VDD - 1.3
-
VOL(2)
Output low-level voltage for an I/O pin
|IIO| = 4 mA, VDD ≥ 1.8 V
-0.4
VOH(2)
Output high-level voltage for an I/O pin
VDD - 0.45
-
VOLFM+(2)
Output low-level voltage for an FT I/O
pin in FM+ mode
(FT I/O with “f” option)
|IIO| = 20 mA, VDD ≥ 2.7 V
-
0.4
|IIO| = 10 mA, VDD ≥ 1.8 V
-
0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 21:
Voltage characteristics. The sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings Σ IIO.
2. Guaranteed by design.
3. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
Table 74. I/O AC characteristics(1)(2)
OSPEEDx[1:0](3)
Symbol
Parameter
Conditions
Min
Max
Unit
0b00
Fmax
Maximum
frequency
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
5
MHz
C = 50 pF, 1.8 V ≤ VDD ≤ 2.7 V
-
1
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
10
C = 10 pF, 1.8 V ≤ VDD ≤ 2.7 V
-
1.5
Tr/Tf
Output rise and
fall time
C = 50 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
25
ns
C = 50 pF, 1.8 V ≤ VDD ≤ 2.7 V
-
52
C = 10 pF, 2.7 V ≤ VDD ≤ 3.6 V
-
17
C = 10 pF, 1.8 V ≤ VDD ≤ 2.7 V
-
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com