Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 2Page - Texas Instruments TMUX7411F Datasheet HTML 3Page - Texas Instruments TMUX7411F Datasheet HTML 4Page - Texas Instruments TMUX7411F Datasheet HTML 5Page - Texas Instruments TMUX7411F Datasheet HTML 6Page - Texas Instruments TMUX7411F Datasheet HTML 7Page - Texas Instruments TMUX7411F Datasheet HTML 8Page - Texas Instruments TMUX7411F Datasheet HTML 9Page - Texas Instruments TMUX7411F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
7.3 Thermal Information (continued)
THERMAL METRIC(1)
TMUX7411F/ TMUX7412F/
TMUX7413F
UNIT
PW (TSSOP)
RRP (WQFN)
16 PINS
16 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1)
Power supply voltage differential
8
22
V
VDD
Positive power supply voltage
5
44
V
VS
Source pin (Sx) voltage (non-fault condition)
VSS
VDD
V
VS to GND
Source pin (Sx) voltage to GND (fault condition)
–60
60
V
VS to VDD (2)
Source pin (Sx) voltage to VDD or VD (fault condition)
–85
V
VS to VSS (2)
Source pin (Sx) voltage to VSS or VD (fault condition)
85
V
VD
Drain pin (Dx) voltage
VSS
VDD
V
VSEL
Logic control input pin voltage (SELx)
GND
VDD
V
VDIG_OUT (3)
Digital output pin voltage (FF)
GND
5.5
V
TA
Ambient temperature
–40
125
°C
IDC TMUX741xF
Continuous current through switch, WQFN package, 25°C
150
mA
IDC TMUX741xF
Continuous current through switch, WQFN package, 125°C
60
mA
(1)
VDD and VSS can be any value as long as 8 V ≤ (VDD – VSS) ≤ 44 V, and the minimum VDD is met.
(2)
Source pin voltage (Sx) under a fault condition may not exceed 85 V from supply pins (VDD and VSS.) or drain pins (D, Dx).
(3)
Digital output pin (FF) is an open drain output and should be pulled up to a voltage within the max ratings
7.5 Electrical Characteristics (Global)
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VT
Threshold voltage for fault
detector
0.7
V
DIGITAL INPUT/ OUTPUT
VIH
High-level input voltage
DR pin
TA = –40°C to +125°C
1.3
44
V
VIL
Low-level input voltage
DR pin
TA = –40°C to +125°C
0
0.8
V
VOL(FLAG)
Low-level output voltage
FF pin, IO = 5 mA
TA = –40°C to +125°C
0.35
V
POWER SUPPLY
VUVLO
Undervoltage lockout (UVLO)
threshold voltage (VDD – VSS)
Rising edge, single supply configuration
only
TA = –40°C to +125°C
5
6
6.5
V
Falling edge, single supply configuration
only
TA = –40°C to +125°C
5
5.8
6.5
V
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com