Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 21Page - Texas Instruments TMUX7411F Datasheet HTML 22Page - Texas Instruments TMUX7411F Datasheet HTML 23Page - Texas Instruments TMUX7411F Datasheet HTML 24Page - Texas Instruments TMUX7411F Datasheet HTML 25Page - Texas Instruments TMUX7411F Datasheet HTML 26Page - Texas Instruments TMUX7411F Datasheet HTML 27Page - Texas Instruments TMUX7411F Datasheet HTML 28Page - Texas Instruments TMUX7411F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TMUX7411F, TMUX7412F, and TMUX7413F are part of the fault protected switches and multiplexers family
of devices. The abilty to protect downstream components from overvoltage events up to ±60 V and latch-up
immunity features makes these switches and multiplexers suitable for harsh environments.
10.2 Typical Application
The need to monitor remote sensors is common among factory automation control systems. For example, an
analog input module or mixed module (AI, AO, DI, and DO) of a programmable logic controller (PLC) will
interface to a field transmitter to monitor various process sensors at remote locations around the factory. A
switch or multiplexer is often used to connect multiple inputs from the system and reduce the number of
downstream channels.
There are a number of fault cases that may occur that can be damaging to many of the integrated circuits. Such
fault conditions may include, but are not limited to, human error from wiring the connections incorrectly,
component failure, wire shorts, electromagnetic interference (EMI), transient distrubances, and more.
Power Module
Local Control Side
V
GND
Supply
Fault
Protected
Mux Inputs
S1
S2
S3
S4
D1
D2
D3
D4
TMUX7412F
V
DD
V
SS
+15V -15V
+
±
+15V
-15V
Logic Select Pins
1.8V Logic
Signals
SEL1
SEL2
SEL3
SEL4
Differential
Output
Differential
Output
+
+
-
-
Field Side
Control
& Processing
ADC
DAC
Sensors
Sensors
Sensors
Sensors
RG
ADC
+60V
+24V
Figure 10-1. Typical Application
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com