Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 3Page - Texas Instruments TMUX7411F Datasheet HTML 4Page - Texas Instruments TMUX7411F Datasheet HTML 5Page - Texas Instruments TMUX7411F Datasheet HTML 6Page - Texas Instruments TMUX7411F Datasheet HTML 7Page - Texas Instruments TMUX7411F Datasheet HTML 8Page - Texas Instruments TMUX7411F Datasheet HTML 9Page - Texas Instruments TMUX7411F Datasheet HTML 10Page - Texas Instruments TMUX7411F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7.6 Electrical Characteristics (Dual Supply: ±15 V)
VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = –10 V to +10 V
ID = –10 mA
25°C
8.5
Ω
–40°C to +85°C
14
–40°C to +125°C
16.5
ΔRON
On-resistance mismatch between
channels
VS = –10 V to +10 V
ID = –10 mA
25°C
0.05
0.5
Ω
–40°C to +85°C
0.6
–40°C to +125°C
0.7
RFLAT
On-resistance flatness
VS = –10 V to +10 V
ID = –10 mA
25°C
0.6
0.9
Ω
–40°C to +85°C
1
–40°C to +125°C
1
IS(OFF)
Input leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
0.1
nA
–40°C to +85°C
–5
5
–40°C to +125°C
–18
18
ID(OFF)
Output off leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
0.1
nA
–40°C to +85°C
–5
5
–40°C to +125°C
–18
18
IS(ON)
ID(ON)
Output on leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is on
VS = VD = ±10 V
25°C
0.3
nA
–40°C to +85°C
–10
10
–40°C to +125°C
–25
25
FAULT CONDITION
IS(FA)
Input leakage current
under overvoltage
VDD = 16.5 V, VSS = –16.5 V, GND = 0V,
VSELx = 0 V or floating,
VS = ± 60 V
–40°C to +125°C
±100
µA
IS(FA)
Input leakage current
under overvoltage, Supplies
grounded
VDD = VSS = 0 V, GND = 0V,
VSELx = 0 V or floating,
VS = ± 60 V
–40°C to +125°C
±125
µA
IS(FA)
Input leakage current
under overvoltage, Supplies
floating
VDD = VSS = floating, GND = 0V,
VSELx = 0 V or floating,
VS = ± 60 V
–40°C to +125°C
±125
µA
LOGIC INPUT / OUTPUT
IIH
High-level input current
VSELx = VDD, VDD = 16.5 V, VSS = –16.5 V
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
IIL
Low-level input current
VSEL x = 0 V, VDD = 16.5 V, VSS = –16.5 V
25°C
–2
± 0.6
2
µA
–40°C to +125°C
–2
2
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com