Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 15Page - Texas Instruments TMUX7411F Datasheet HTML 16Page - Texas Instruments TMUX7411F Datasheet HTML 17Page - Texas Instruments TMUX7411F Datasheet HTML 18Page - Texas Instruments TMUX7411F Datasheet HTML 19Page - Texas Instruments TMUX7411F Datasheet HTML 20Page - Texas Instruments TMUX7411F Datasheet HTML 21Page - Texas Instruments TMUX7411F Datasheet HTML 22Page - Texas Instruments TMUX7411F Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
8.6 Break-Before-Make Delay
The break-before-make delay is a safety feature of the TMUX7413F switch. The TMUX7413F's ON switches first
break the connection before the OFF switches make connection. The time delay between the break and the
make is known as break-before-make delay. Figure 8-6 shows the setup used to measure break-before-make
delay, denoted by the symbol tBBM.
Output 1
RL
CL
SEL1,
SEL2
GND
VINx
3 V
VINx
0 V
50%
50%
0.9 VS
0.9 VS
Output 2
VS
S1
D1
VS
tBBM1
tBBM2
0.9 VS
Output 1
0.9 VS
0 V
VS
0 V
tBBM= min (tBBM1, tBBM2)
Output 2
VS
S2
D2
CL
RL
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-6. Break-Before-Make Delay Measurement Setup
8.7 Turn-On and Turn-Off Time
Turn-on time (tON) is defined as the time taken by the output of the TMUX7411F, TMUX7412F, and TMUX7413F
to rise to a 90% final value after the SELx signal has risen (for NC switches) or fallen (for NO switches) to a 50%
final value. Turn off time (tOFF) is defined as the time taken by the output of the TMUX7411F, TMUX7412F, and
TMUX7413F to fall to a 10% initial value after the SELx signal has fallen (for NC switches) or risen (for NO
switches) to a 50% initial value. Figure 8-7 shows the setup used to measure tON and tOFF.
3 V
VSEL
0 V
50%
50%
tON
tOFF
0.1 VS
0.9 VS
Output
VS
tr < 20 ns
tf < 20 ns
GND
RL
VSEL
GND
CL
GND
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SW
Sx
GND
GND
VS
Dx
SELx
Output
Figure 8-7. Enable Delay Measurement Setup
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com