Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7411F Datasheet HTML 1Page - Texas Instruments TMUX7411F Datasheet HTML 2Page - Texas Instruments TMUX7411F Datasheet HTML 3Page - Texas Instruments TMUX7411F Datasheet HTML 4Page - Texas Instruments TMUX7411F Datasheet HTML 5Page - Texas Instruments TMUX7411F Datasheet HTML 6Page - Texas Instruments TMUX7411F Datasheet HTML 7Page - Texas Instruments TMUX7411F Datasheet HTML 8Page - Texas Instruments TMUX7411F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TMUX741xF ±60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
1 Features
• Wide Supply Range: ±5 V to ±22 V (Dual), 8 V to
44 V (Single)
• Integrated Fault Protection:
– Overvoltage Protection, Source to Supplies or
to Drain: ±85 V
– Overvoltage Protection: ±60 V
– Powered-Off Protection: ±60 V
– Interrupt Flags to Indicate Fault Status
– Output Clamped to the Supply in Fault
• Latch-Up Immunity by Device Construction
• Low and Flat On-Resistance (8 Ω Typical)
• Logic Levels: 1.8 V to VDD
• Industry-Standard TSSOP and Smaller WQFN
Packages
2 Applications
• Factory Automation and Control
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test Equipment
• Battery Test Equipment
• Servo Drive Control Module
• Data Acquisition Systems (DAQ)
3 Description
The TMUX7411F, TMUX7412F, and TMUX7413F are
modern complementary metal-oxide semiconductor
(CMOS) analog switches in 1:1 (SPST), 4-channel
configurations. The devices work well with dual
supplies (±5 V to ±22 V), a single supply (8 V to 44 V),
or asymmetric supplies (such as VDD = 12 V, VSS = –5
V). All digital inputs support logic levels from 1.8 V to
VDD, ensuring TTL and CMOS logic compatibility.
The switch channels remain in the OFF state
regardless of switch input conditions, and any control
signal present on the digital logic pins is ignored when
no power supplies are present. If the analog input
signal level on any Sx pin exceeds the supply voltage
(VDD or VSS) by a threshold voltage (VT), the channel
turns OFF and the Sx pin becomes high impedance
under normal operation conditions. The drain pin (Dx)
is pulled to supply voltage that was exceeded when
the fault channel is turned-on. The devices provide an
active-low interrupt flag (FF) to indicate if any of the
source inputs are experiencing a fault condition to
help system diagnosis. The device blocks fault
voltage up to +60 V or –60 V relative to ground in
powered and powered-off conditions.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7411F
TMUX7412F
TMUX7413F
TSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm x 4.00 mm
(1)
See the orderable addendum at the end of the data sheet for
all available packages.
SW
SW
S1
S2
VDD
VSS
TMUX7411F
(SELx = Logic 1)
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
SW
SW
S3
S4
D1
D2
D3
D4
FF
SEL4
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
SW
SW
TMUX7412F
(SELx = Logic 1)
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
TMUX7413F
(SELx = Logic 1)
SW
SW
Funcitonal Block Diagram
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TMUX7411F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7411F TI-TMUX7411F Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7411F TI-TMUX7411F Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7411F TI2-TMUX7411F Datasheet
1Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7411FRRPR TI-TMUX7411FRRPR Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7411FRRPR TI2-TMUX7411FRRPR Datasheet
1Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
More results

Similar Description - TMUX7411F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7308F TI-TMUX7308F_V02 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F_V03 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com