Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 16Page - Texas Instruments TMUX7411F Datasheet HTML 17Page - Texas Instruments TMUX7411F Datasheet HTML 18Page - Texas Instruments TMUX7411F Datasheet HTML 19Page - Texas Instruments TMUX7411F Datasheet HTML 20Page - Texas Instruments TMUX7411F Datasheet HTML 21Page - Texas Instruments TMUX7411F Datasheet HTML 22Page - Texas Instruments TMUX7411F Datasheet HTML 23Page - Texas Instruments TMUX7411F Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8.8 Charge Injection
Charge injection is a measure of the glitch impulse transferred from the digital input to the analog output during
switching, and is denoted by the symbol QINJ. Figure 8-8 shows the setup used to measure charge injection from
the source to drain.
VOUT
Output
VS
0 V
3 V
VSELx
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
S1
GND
D1
S4
D4
SW
SW
GND
VS
GND
VS
GND
CL
GND
CL
Output
Output
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
SELx
VSELx
Figure 8-8. Charge-Injection Measurement Setup
8.9 Off Isolation
Off isolation is defined as the voltage at the drain pin (Dx) of the device when a 1-VRMS signal is applied to the
source pin (Sx) of an OFF switch. Figure 8-9 shows the setup used to measure off isolation.
SELx
GND
VSELx
SX
Dx
VS
VOUT
RS
SW
50Ÿ
Network Analyzer
1BB +OKH=PEKJ = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
50Ÿ
Other
Sx/ Dx
pins
Figure 8-9. Off Isolation Measurement Setup
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com