Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 12Page - Texas Instruments TMUX7411F Datasheet HTML 13Page - Texas Instruments TMUX7411F Datasheet HTML 14Page - Texas Instruments TMUX7411F Datasheet HTML 15Page - Texas Instruments TMUX7411F Datasheet HTML 16Page - Texas Instruments TMUX7411F Datasheet HTML 17Page - Texas Instruments TMUX7411F Datasheet HTML 18Page - Texas Instruments TMUX7411F Datasheet HTML 19Page - Texas Instruments TMUX7411F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
8 Parameter Measurement Information
8.1 Truth Tables
Table 8-1, Table 8-2, and Table 8-3 show the truth tables for the TMUX7411F, TMUX7412F, and TMUX7413F,
respectively. Each switch is independently controlled by its own select pin.
Table 8-1. TMUX7411F Truth Table
SELx
Switch x (S1 to S4)
0
Channel x ON
1
Channel x OFF
Table 8-2. TMUX7412F Truth Table
SELx
Switch x (S1 to S4)
0
Channel x OFF
1
Channel x ON
Table 8-3. TUMUX7413F Truth Table
SELx
STATE
0
Switch 1, 4 OFF
Switch 2, 3 ON
1
Switch 1, 4 ON
Switch 2, 3 OFF
8.2 On-Resistance
The on-resistance of the TMUX7411F, TMUX7412F, and TMUX7413F is the ohmic resistance across the source
(Sx) and drain (Dx) pins of the device. The on-resistance varies with input voltage and supply voltage. The
symbol RON is used to denote on-resistance. Figure 8-1 shows the measurement setup used to measure RON.
ΔRON represents the difference between the RON of any two channels, while RON_FLAT denotes the flatness that
is defined as the difference between the maximum and minimum value of on-resistance measured over the
specified analog signal range.
V
DD
V
DD
V
SS
V
SS
GND
Sx
Dx
SW
V
I
S
4
10
=
8
+
5
V
S
Figure 8-1. On-Resistance Measurement Setup
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com