Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 14Page - Texas Instruments TMUX7411F Datasheet HTML 15Page - Texas Instruments TMUX7411F Datasheet HTML 16Page - Texas Instruments TMUX7411F Datasheet HTML 17Page - Texas Instruments TMUX7411F Datasheet HTML 18Page - Texas Instruments TMUX7411F Datasheet HTML 19Page - Texas Instruments TMUX7411F Datasheet HTML 20Page - Texas Instruments TMUX7411F Datasheet HTML 21Page - Texas Instruments TMUX7411F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
8.5 Input and Output Leakage Current Under Overvoltage Fault
If any of the source pin voltage goes above the supplies (VDD or VSS), the overvoltage protection feature of the
TMUX7411F, TMUX7412F, and TMUX7413F is triggered to turn off the switch under fault, keeping the fault
channel in high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under
overvoltage fault conditions, respectively. When the overvoltage fault occurs, the supply (or supplies) can either
be in normal operating condition (Figure 8-4) or abnormal operating condition (Figure 8-5). During abnormal
operating condition, the supply (or supplies) can either be unpowered (VDD= VSS = 0 V) or floating (VDD= VSS =
no connection), and remains within the leakage performance specifications.
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
IS(FA) / ID(FA)
D1
Is (FA)
S4
GND
A
VS
D4
SW
SW
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
( |VS| > |VDD + VT| or |VSS - VT| )
Figure 8-4. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Normal Supplies
Unpowered
(VDD = VSS = GND = 0 V)
N.C.
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
GND
Is (FA)
S1
VDD
VSS
GND
A
GND
VS
D1
Is (FA)
S4
GND
A
VS
D4
GND
RL
A
ID (FA)
GND
RL
A
ID (FA)
SW
SW
Floating
(VDD = VSS = N.C.)
Figure 8-5. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Unpowered or Floating Supplies
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com