Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 20Page - Texas Instruments TMUX7411F Datasheet HTML 21Page - Texas Instruments TMUX7411F Datasheet HTML 22Page - Texas Instruments TMUX7411F Datasheet HTML 23Page - Texas Instruments TMUX7411F Datasheet HTML 24Page - Texas Instruments TMUX7411F Datasheet HTML 25Page - Texas Instruments TMUX7411F Datasheet HTML 26Page - Texas Instruments TMUX7411F Datasheet HTML 27Page - Texas Instruments TMUX7411F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
9.3.4 Bidirectional and Rail-to-Rail Operation
The TMUX7411F, TMUX7412F, and TMUX7413F conduct equally well from source (Sx) to drain (Dx) or from
drain (Dx) to source (Sx). Each signal path has very similar characteristics in both directions; however, it is noted
that the overvoltage protection is implemented only on the source (Sx) side. The voltage on the drain is only
allowed to swing between VDD and VSS and no overvotlage protection is available on the drain side.
9.4 Device Functional Modes
The TMUX7411F, TMUX7412F, and TMUX7413F offer two modes of operation (normal mode and fault mode)
depending on whether any of the input pins experience an overvoltage condition.
9.4.1 Normal Mode
Signals of up to VDD and VSS can be passed through the switch from source (Sx) to drain (Dx) or from drain (Dx)
to source (Sx) in normal mode operation. According to Table 8-1, Table 8-2, and Table 8-3 the select pins (SELx)
and determines which switch path to turn on. The following conditions must be satisfied for the switch to stay in
the ON condition:
• The difference between the supples (VDD – VSS) must be higher or equal to 8 V.
• The input signals on the source (Sx) or the drain (Dx) must be be between VDD+ VT and VSS – VT.
• The select control logic (SELx) must have selected the switch.
9.4.2 Fault Mode
The TMUX7411F, TMUX7412F, and TMUX7413F enter into fault mode when any of the input signals on the
source (Sx) pins exceed VDD or VSS by a threshold voltage VT. Under the overvoltage condition, the switch input
experiencing the fault automatically turns off regardless of the logic status, and the source pin becomes high
impedance with negligible amount of leakage current flowing through the switch. When the fault channel is
turned-on by the select control logic (SELx), the drain pin (Dx) is pulled to the supply that was exceeded through
a 40 kΩ internal resistor.
In the fault mode, the general fault flag (FF) is asserted low.
The overvoltage protection is provided only for the source (Sx) input pins. The drain (Dx) pin, if used as signal
input, must stay in between VDD and VSS at all time since no overvoltage protection is implemented on the drain
pin.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com