Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7411F Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF 짹60 V Fault-protected, 1:1 (SPST), 4-Channel Switches with 1.8-V Logic
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 22Page - Texas Instruments TMUX7411F Datasheet HTML 23Page - Texas Instruments TMUX7411F Datasheet HTML 24Page - Texas Instruments TMUX7411F Datasheet HTML 25Page - Texas Instruments TMUX7411F Datasheet HTML 26Page - Texas Instruments TMUX7411F Datasheet HTML 27Page - Texas Instruments TMUX7411F Datasheet HTML 28Page - Texas Instruments TMUX7411F Datasheet HTML 29Page - Texas Instruments TMUX7411F Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
10.2.1 Design Requirements
Table 10-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD) mux
+15 V
Negative supply (VSS) mux
-15 V
Power board supply voltage
24 V
Input or output signal range non-faulted
-15 V to 15 V
Overvoltage protection levels
-60 V to 60 V
Control logic thresholds
1.8 V compatible, up to 44 V
Temperature range
-40°C to +125°C
10.2.2 Detailed Design Procedure
The normal operation of the application is to take multiple differential inputs and use a multi-channel switch to
pass the signal to the downstream instrumentation amplifier. A fault protected switch can add extra robustness to
the sytem against fault conditions while also reducing the number of components required to interface with the
systems physical input channels.
The image shows the case where a human wired the condition incorrectly and one of the input connectors
shorted to the power board supply voltage. If the board supply voltage is higher than the power supply of the
multiplexer, then the TMUX741xF device will disconnect the source input from passing the signal to protect the
downstream components. The drain pin of the mux will be pulled up to the supply voltage VDD through a 40 kΩ
resistor to allow the system to determine a fault condition has occured.
11 Power Supply Recommendations
The TMUX7411F, TMUX7412F, and TMUX7413F operates across a wide supply range of ±5 V to ±22 V (8 V to
44 V in single-supply mode). They also perform well with asymmetrical supplies such as VDD = 12 V and VSS= –
5 V. Use a supply decoupling capacitor ranging from 1 µF to 10 µF at the VDD and VSS pins to ground for
improved supply noise immunity. Always ensure the ground (GND) connection is established before supplies are
ramped.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404 – MARCH 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com