Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 10Page - STMicroelectronics STA306 Datasheet HTML 11Page - STMicroelectronics STA306 Datasheet HTML 12Page - STMicroelectronics STA306 Datasheet HTML 13Page - STMicroelectronics STA306 Datasheet HTML 14Page - STMicroelectronics STA306 Datasheet HTML 15Page - STMicroelectronics STA306 Datasheet HTML 16Page - STMicroelectronics STA306 Datasheet HTML 17Page - STMicroelectronics STA306 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
STA306
14/33
3.1.3 Serial Audio Input Interface First Bit
3.1.4 Zero-Crossing Volume Enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital zero-crossings,
"zipper noise" is eliminated
3.1.5 Dynamic Range Compression/Anti-Clipping Bit
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression. When used in anti-
clipping mode the limiter threshold values are constant and dependent on the gain/attenuation settings applied
to the input signal. In dynamic range compression mode the limiter threshold values vary with the volume set-
tings allowing for limiting to occur independently of the gain/attenuation but dependent on the input signal
3.2 Configuration Register C (address 02h)
3.2.1 DDX Power Output Mode
The DDX Power Output Mode selects how the DDX output timing is configured. Different power devices use
different output modes. The DDX recommended use is OM = 00. The variable mode uses the OMVx bits for
adjustment
BIT
R/W
RST
NAME
DESCRIPTION
5
R/W
0
SAIFB
Determines MSB or LSB first for all SAI formats
0 – MSB First, 1 – LSB First
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZCE
Zero-Crossing Volume Enable :
1 – Volume adjustments will only occur at digital zero-crossings
0 – Volume adjustments will occur immediately
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
DRC
Dynamic Range Compression/Anti-Clipping
0 – Limiters act in Anti-Clipping Mode
1- Limiters act in Dynamic Range Compression Mode
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
HPB
RES
RES
RES
RES
RES
OM1
OM0
RST
0
1
1
111
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
OM0
DDX Power Output Mode : Selects configuration of DDX output.
1
R/W
0
OM1
OM(1,0)
Output Stage - Mode
00
Fixed Compensation
01
RESERVED
10
Full Power Mode recommended for STA500 and STA505
11
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com