Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 1 Page - STMicroelectronics

  STA306 Datasheet HTML 1Page - STMicroelectronics STA306 Datasheet HTML 2Page - STMicroelectronics STA306 Datasheet HTML 3Page - STMicroelectronics STA306 Datasheet HTML 4Page - STMicroelectronics STA306 Datasheet HTML 5Page - STMicroelectronics STA306 Datasheet HTML 6Page - STMicroelectronics STA306 Datasheet HTML 7Page - STMicroelectronics STA306 Datasheet HTML 8Page - STMicroelectronics STA306 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
STA306
October 2003
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
s
6 DDXTM Channels Capability (24 bit)
s
From 32kHz to 192kHz Input Sample Rates
Supported
s
Volume Control from 0 to -127 dB (0.5 dB steps)
s
Variable Digital Gain from 0 to 24dB (0.5dB
steps) with Digital Limiter Functionality and
Variable Attack and Release Time
s
I2S Inputs and Outputs
s
Individual Channel and Master Gain/
Attenuation
s
Individual Channel Mute and Zero Input Detect
Auto-Mute
s
Selectable Serial Audio Data Interface
s
Bass/Treble Controls
s
Channel Mapping of any Input to any
Processing/DDXTM Channel
s
Active Crossover Capability
s
DC Blocking Selectable High-Pass Filter
s
Selectable Bass Management on Channel 6
s
Selectable Adjacent Channel Mixing Capability
s
Selectable Clock Input Ratio
s
Selectable De-emphasis
s
Selectable DDXTM Ternary, or Binary PWM
output
s
AM Interference Reduction Mode
s
I2C Control
DESCRIPTION
The STA306 is a single chip solution for digital audio
processing and control in multi-channel applications.
It provides output capabilities for DDXTM (Direct Digi-
tal Amplification). In conjunction with a DDXTM power
device, it provides high-quality, high-efficiency, all
digital amplification. The device is extremely versatile
allowing for input of most digital formats including
192kHz, 24-bit DVD-Audio.
The internal 24-bit DSP allows for high resolution
processing at all standard input sample frequencies.
Processing includes volume control, filtering, bass
management, gain compression/limiting and PCM
and DDXTM outputs. Filtering includes five user-pro-
grammable 28-bit biquads for EQ per channel, as
well as bass, treble and DC blocking. External clock-
ing can be provided at 4 different ratios of the input
sample frequency. All sample frequencies are up-
sampled for processing. Each internal processing
channel can receive any input channel, allowing flex-
ibility and the ability to perform active digital cross-
over for powered loudspeaker systems.
The serial audio data interface accepts many differ-
ent formats, including the popular I2S format. STx-
channels of DDX processing are performed.
TQFP64
ORDERING NUMBER: STA306
PRODUCT PREVIEW
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX™


Similar Part No. - STA306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STA300 ETC1-STA300 Datasheet
177Kb / 2P
Diode Array
logo
Sanken electric
STA300 SANKEN-STA300 Datasheet
250Kb / 3P
Silicon NPN Triple Diffused Planar Darlington
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
logo
Sanken electric
STA301A SANKEN-STA301A Datasheet
21Kb / 1P
NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A Datasheet
33Kb / 1P
NPN Darlington With built-in avalanche diode
More results

Similar Description - STA306

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
rev. 2.1
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
Dec-2002
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
Mar-2002
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
Multichannel digital audio processor with FFX짰
24-Jan-2012
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
logo
STMicroelectronics
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
Multichannel digital audio processor with FFXTM
21-Oct-2013
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com