Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 15Page - STMicroelectronics STA306 Datasheet HTML 16Page - STMicroelectronics STA306 Datasheet HTML 17Page - STMicroelectronics STA306 Datasheet HTML 18Page - STMicroelectronics STA306 Datasheet HTML 19Page - STMicroelectronics STA306 Datasheet HTML 20Page - STMicroelectronics STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19/33
STA306
3.14 Channel 6 Volume (address 0Eh)
The Volume structure of the STA306 consists of individual volume registers for each channel and a master vol-
ume register that provides an offset to each channels volume setting. The individual channel volumes are ad-
justable in 0.5dB steps from +24dB to -103dB. As an example if C5V = 0Bh or +18.5dB and MV = 21h or -
16.5dB, then the total gain for channel 5 = +2dB. The Master Mute when set to 1 will mute all channels at once,
whereas the individual channel mutes(CxM) will mute only that channel. Both the Master Mute and the Channel
Mutes provide a "soft mute" with the volume ramping down to mute in 8192 samples from the maximum volume
setting at the internal processing rate(~192kHz). A "hard mute" can be obtained by commanding a value of all
1's(255) to any channel volume register or the master volume register. When volume offsets are provided via
the master volume register any channel that whose total volume is less than -103dB will be muted. All changes
in volume take place at zero-crossings when ZCE = 1(configuration register B) on a per channel basis as this
creates the smoothest possible volume transitions. When ZCE=0, volume updates will occur immediately.
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
RST
0
0
1
100
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com