Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA306 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA306
Description  MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA306 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA306 Datasheet HTML 18Page - STMicroelectronics STA306 Datasheet HTML 19Page - STMicroelectronics STA306 Datasheet HTML 20Page - STMicroelectronics STA306 Datasheet HTML 21Page - STMicroelectronics STA306 Datasheet HTML 22Page - STMicroelectronics STA306 Datasheet HTML 23Page - STMicroelectronics STA306 Datasheet HTML 24Page - STMicroelectronics STA306 Datasheet HTML 25Page - STMicroelectronics STA306 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
STA306
22/33
3.18 Channel Limiter Select Channels 1,2,3,4 (address 15h)
3.19 Channel Limiter Select Channels 5,6 (address 16h)
3.20 Limiter 1 Attack/Release Rate (address 17h)
3.21 Limiter 1 Attack/Release Threshold (address 18h)
3.22 Limiter 2 Attack/Release Rate (address 19h)
3.23 Limiter 2 Attack/Release Threshold (address 1Ah)
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C4LS1
C4LS0
C3LS1
C3LS0
C2LS1
C2LS0
C1LS1
C1LS0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
C8LS1
C8LS0
C7LS1
C7LS0
C6LS1
C6LS0
C5LS1
C5LS0
RST
0
0
0
000
0
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
L1R3
L1R2
L1R1
L1R0
L1A3
L1A2
L1A1
L1A0
RST
1
0
1
001
1
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
L1AT3
L1AT2
L1AT1
L1AT0
L1RT3
L1RT2
L1RT1
L1RT0
RST
0
1
1
001
1
1
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
L2R3
L2R2
L2R1
L2R0
L2A3
L2A2
L2A1
L2A0
RST
1
0
1
001
1
0
BIT
D7
D6
D5
D4
D3
D2
D1
D0
NAME
L2AT3
L2AT2
L2AT1
L2AT0
L2RT3
L2RT2
L2RT1
L2RT0
RST
0
1
1
001
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com